Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR435 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR435
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR435 Datasheet HTML 9Page - Analog Devices ADR435 Datasheet HTML 10Page - Analog Devices ADR435 Datasheet HTML 11Page - Analog Devices ADR435 Datasheet HTML 12Page - Analog Devices ADR435 Datasheet HTML 13Page - Analog Devices ADR435 Datasheet HTML 14Page - Analog Devices ADR435 Datasheet HTML 15Page - Analog Devices ADR435 Datasheet HTML 16Page - Analog Devices ADR435 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
AD5737
Rev. B | Page 13 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
CURRENT OUTPUTS
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0
1000
2000
3000
4000
CODE
AVDD = 15V
TA = 25°C
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 8. Integral Nonlinearity Error vs. DAC Code
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
1000
2000
3000
4000
CODE
AVDD = 15V
TA = 25°C
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 9. Differential Nonlinearity Error vs. DAC Code
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0
1000
2000
3000
4000
CODE
AVDD = 15V
TA = 25°C
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 10. Total Unadjusted Error vs. DAC Code
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
4mA TO 20mA RANGE MAX INL
0mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
0mA TO 20mA RANGE MIN INL
0mA TO 24mA RANGE MIN INL
AVDD = 15V
Figure 11. Integral Nonlinearity Error vs. Temperature, Internal RSET
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
4mA TO 20mA RANGE MAX INL
0mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
0mA TO 20mA RANGE MIN INL
0mA TO 24mA RANGE MIN INL
AVDD = 15V
Figure 12. Integral Nonlinearity Error vs. Temperature, External RSET
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
MAX DNL
MIN DNL
AVDD = 15V
ALL RANGES
INTERNAL AND EXTERNAL RSET
Figure 13. Differential Nonlinearity Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com