Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD586 Datasheet(PDF) 4 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 4 Page - Analog Devices

  AD586 Datasheet HTML 1Page - Analog Devices AD586 Datasheet HTML 2Page - Analog Devices AD586 Datasheet HTML 3Page - Analog Devices AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 4 of 44
SPECIFICATIONS
AVDD = VBOOST_x = 15 V; DVDD = 2.7 V to 5.5 V; AVCC = 4.5 V to 5.5 V; dc-to-dc converter disabled; AGND = DGND = GNDSWx = 0 V;
REFIN = 5 V; RL = 300 Ω; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT OUTPUT
Output Current Ranges
0
24
mA
0
20
mA
4
20
mA
Resolution
12
Bits
ACCURACY, EXTERNAL RSET
Assumes ideal resistor (see the External Current
Setting Resistor section for more information)
Total Unadjusted Error (TUE)
−0.1
±0.019
+0.1
% FSR
TUE Long-Term Stability
100
ppm FSR
Drift after 1000 hours, TJ = 150°C
Relative Accuracy (INL)
−0.032
±0.006
+0.032
% FSR
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Offset Error
−0.1
±0.012
+0.1
% FSR
Offset Error Drift2
±4
ppm FSR/°C
Gain Error
−0.1
±0.004
+0.1
% FSR
Gain TC2
±3
ppm FSR/°C
Full-Scale Error
−0.1
±0.014
+0.1
% FSR
Full-Scale TC2
±5
ppm FSR/°C
DC Crosstalk
0.0005
% FSR
External RSET
ACCURACY, INTERNAL RSET
Total Unadjusted Error (TUE)3, 4
−0.14
±0.022
+0.14
% FSR
TUE Long-Term Stability
180
ppm FSR
Drift after 1000 hours, TJ = 150°C
Relative Accuracy (INL)
−0.032
±0.006
+0.032
% FSR
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Offset Error3, 4
−0.1
±0.017
+0.1
% FSR
Offset Error Drift2
±6
ppm FSR/°C
Gain Error
−0.12
±0.004
+0.12
% FSR
Gain TC2
±9
ppm FSR/°C
Full-Scale Error3, 4
−0.14
±0.02
+0.14
% FSR
Full-Scale TC2
±14
ppm FSR/°C
DC Crosstalk4
−0.011
% FSR
Internal RSET
OUTPUT CHARACTERISTICS2
Current Loop Compliance Voltage
VBOOST_x −
2.4
VBOOST_x −
2.7
V
Output Current Drift vs. Time
Drift after 1000 hours, ¾ scale output, TJ = 150°C
90
ppm FSR
External RSET
140
ppm FSR
Internal RSET
Resistive Load
1000
Ω
The dc-to-dc converter has been characterized
with a maximum load of 1 kΩ, chosen such that
compliance is not exceeded; see Figure 30 and
the DC-DC MaxV bits in Table 27
DC Output Impedance
100
MΩ
DC PSRR
0.02
1
µA/V
REFERENCE INPUT/OUTPUT
Reference Input2
Reference Input Voltage
4.95
5
5.05
V
For specified performance
DC Input Impedance
45
150
MΩ
Reference Output
Output Voltage
4.995
5
5.005
V
TA = 25°C
Reference TC2
−10
±5
+10
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com