Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6672 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6672
Description  IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6672 Datasheet(HTML) 5 Page - Analog Devices

  AD6672 Datasheet HTML 1Page - Analog Devices AD6672 Datasheet HTML 2Page - Analog Devices AD6672 Datasheet HTML 3Page - Analog Devices AD6672 Datasheet HTML 4Page - Analog Devices AD6672 Datasheet HTML 5Page - Analog Devices AD6672 Datasheet HTML 6Page - Analog Devices AD6672 Datasheet HTML 7Page - Analog Devices AD6672 Datasheet HTML 8Page - Analog Devices AD6672 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD6672
Rev. 0 | Page 5 of 32
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input range, unless
otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
NSR Disabled
fIN = 30 MHz
25°C
66.6
dBFS
fIN = 90 MHz
25°C
66.6
dBFS
fIN = 140 MHz
25°C
66.5
dBFS
fIN = 185 MHz
25°C
66.4
dBFS
Full
65.4
dBFS
fIN = 220 MHz
25°C
66.3
dBFS
NSR Enabled
22% Bandwidth Mode
fIN = 30 MHz
25°C
75.8
dBFS
fIN = 90 MHz
25°C
75.7
dBFS
fIN = 140 MHz
25°C
75.6
dBFS
fIN = 185 MHz
25°C
75.2
dBFS
Full
72.2
dBFS
fIN = 220 MHz
25°C
74.8
dBFS
33% Bandwidth Mode
fIN = 30 MHz
25°C
73.4
dBFS
fIN = 90 MHz
25°C
73.3
dBFS
fIN = 140 MHz
25°C
73.2
dBFS
fIN = 185 MHz
25°C
72.8
dBFS
Full
69.2
dBFS
fIN = 220 MHz
25°C
72.4
dBFS
SIGNAL-TO-NOISE RATIO AND DISTORTION (SINAD)
fIN = 30 MHz
25°C
65.7
dBFS
fIN = 90 MHz
25°C
65.7
dBFS
fIN = 140 MHz
25°C
65.6
dBFS
fIN = 185 MHz
25°C
65.3
dBFS
Full
64.4
dBFS
fIN = 220 MHz
25°C
65.2
dBFS
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz
25°C
−88
dBc
fIN = 90 MHz
25°C
−88
dBc
fIN = 140 MHz
25°C
−89
dBc
fIN = 185 MHz
25°C
−87
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−88
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz
25°C
88
dBc
fIN = 90 MHz
25°C
88
dBc
fIN = 140 MHz
25°C
89
fIN = 185 MHz
25°C
87
dBc
Full
80
dBc
fIN = 220 MHz
25°C
88
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com