Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6672 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6672
Description  IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6672 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6672 Datasheet HTML 14Page - Analog Devices AD6672 Datasheet HTML 15Page - Analog Devices AD6672 Datasheet HTML 16Page - Analog Devices AD6672 Datasheet HTML 17Page - Analog Devices AD6672 Datasheet HTML 18Page - Analog Devices AD6672 Datasheet HTML 19Page - Analog Devices AD6672 Datasheet HTML 20Page - Analog Devices AD6672 Datasheet HTML 21Page - Analog Devices AD6672 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD6672
Rev. 0 | Page 18 of 32
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD6672.
The full-scale input range can be adjusted by varying the
reference voltage via SPI. The input span of the ADC tracks
reference voltage changes linearly.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD6672 sample clock inputs,
CLK+ and CLK−, should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or via capacitors. These pins are biased
internally (see Figure 29) and require no external bias. If the
inputs are floated, the CLK− pin is pulled low to prevent
spurious clocking.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 29. Simplified Equivalent Clock Input Circuit
Clock Input Options
The AD6672 has a very flexible clock input structure. Clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, clock source jitter
is of the most concern, as described in the Jitter Considerations
section.
Figure 30 and Figure 31 show two preferable methods for
clocking the AD6672 (at clock rates of up to 625 MHz). A low
jitter clock source is converted from a single-ended signal to a
differential signal using an RF balun or RF transformer.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 625 MHz, and the RF transformer is recom-
mended for clock frequencies from 10 MHz to 250 MHz. The
back-to-back Schottky diodes across the secondary winding of
the transformer limit clock excursions into the AD6672 to
approximately 0.8 V p-p differential. This limit helps prevent
the large voltage swings of the clock from feeding through to
other portions of the AD6672 while preserving the fast rise and
fall times of the signal, which are critical for low jitter
performance.
390pF
390pF
390pF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 30. Transformer-Coupled Differential Clock (Up to 250 MHz)
390pF
390pF
390pF
CLOCK
INPUT
1nF
25Ω
25Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 31. Balun-Coupled Differential Clock (Up to 625 MHz)
If a low jitter clock source is not available, another option is to
ac-couple a differential PECL signal to the sample clock input
pins as shown in Figure 32. The AD9510, AD9511, AD9512,
AD9513, AD9514, AD9515, AD9516, AD9517, AD9518, AD9520,
AD9522, AD9523, AD9524, and ADCLK905/ADCLK907/
ADCLK925 clock drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD95xx,
ADCLK9xx
PECL DRIVER
Figure 32. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 33. The AD9510,
AD9511, AD9512, AD9513, AD9514, AD9515, AD9516,
AD9517, AD9518, AD9520, AD9522, AD9523, and AD9524
clock drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
LVDS DRIVER
ADC
Figure 33. Differential LVDS Sample Clock (Up to 625 MHz)
Input Clock Divider
The AD6672 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. For
divide ratios other than 1, the duty cycle stabilizer (DCS) is
enabled by default on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com