Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9653 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9653
Description  Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9653 Datasheet HTML 19Page - Analog Devices AD9653 Datasheet HTML 20Page - Analog Devices AD9653 Datasheet HTML 21Page - Analog Devices AD9653 Datasheet HTML 22Page - Analog Devices AD9653 Datasheet HTML 23Page - Analog Devices AD9653 Datasheet HTML 24Page - Analog Devices AD9653 Datasheet HTML 25Page - Analog Devices AD9653 Datasheet HTML 26Page - Analog Devices AD9653 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
AD9653
Rev. 0 | Page 23 of 40
Figure 53. SNR/SFDR vs. Common-Mode Voltage,
fIN = 9.7 MHz, fSAMPLE = 125 MSPS, VREF = 1.3 V
Differential Input Configurations
There are several ways to drive the AD9653 either actively or
passively. However, optimum performance is achieved by driving
the analog inputs differentially. Using a differential double balun
configuration to drive the AD9653 provides excellent performance
and a flexible interface to the ADC (see Figure 56) for baseband
applications.
For applications where SNR is a key parameter, differential trans-
former coupling is the recommended input configuration (see
Figure 57), because the noise performance of most amplifiers is
not adequate to achieve the true performance of the AD9653.
Regardless of the configuration, the value of the shunt capacitor,
C, is dependent on the input frequency and may need to be
reduced or removed.
It is not recommended to drive the AD9653 inputs single-ended.
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD9653.
VREF can be configured using either the internal 1.0 V refer-
ence, an externally applied 1.0 V to 1.3 V reference voltage, or
using an external resistor divider applied to the internal refer-
ence to produce a reference voltage of the user’s choice. The
various reference modes are summarized in the Internal Reference
Connection section and the External Reference Operation
section. The VREF pin should be externally bypassed to ground
with a low ESR, 1.0 μF capacitor in parallel with a low ESR,
0.1 μF ceramic capacitor.
Internal Reference Connection
A comparator within the AD9653 detects the potential at the
SENSE pin and configures the reference into one of three
possible modes, which are summarized in Table 11. If SENSE is
grounded, the reference amplifier switch is connected to the
internal resistor divider (see Figure 54), setting the voltage at the
VREF pin, VREF, to 1.0 V. If SENSE is connected to an external
resistor divider (see Figure 55), VREF is defined as
 +
×
=
R1
R2
VREF
1
5
.
0
where:
7 kΩ ≤ (R1 + R2) ≤ 10 kΩ
Figure 54. 1.0 V Internal Reference Configuration
Figure 55. Programmable Internal Reference Configuration
Table 11. Reference Configuration Summary
Selected Mode
SENSE Voltage (V)
Resulting V
REF (V)
Resulting Differential Span
(V p-p)
Fixed Internal Reference
AGND to 0.2
1.0 internal
2.0
Programmable Internal Reference
Tie to external R-divider
(see Figure 55)
0.5 × (1 + R2/R1), example: R1 = 3.5 kΩ,
R2 = 5.6 kΩ for V
REF = 1.3 V
1
2 × V
REF
Fixed External Reference
AVDD
1.0 to 1.3 applied to external VREF pin1
2.0 to 2.6
1 Normal operation for V
REF = 1.3 V is supported over the 0°C to 85°C temperature range.
20
30
40
50
60
70
80
90
100
110
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
COMMON-MODE VOLTAGE (V)
SFDR (dBc)
SNRFS (dBFS)
VREF
SENSE
0.5V
AD9653
SELECT
LOGIC
0.1µF
1.0µF
VIN–A
VIN+A
ADC
CORE
VREF
SENSE
R1
R2
0.5V
AD9653
SELECT
LOGIC
0.1µF
1.0µF
VIN–A
VIN+A
ADC
CORE
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com