Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7880ACPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 5 Page - Analog Devices

  ADE7880ACPZ Datasheet HTML 1Page - Analog Devices ADE7880ACPZ Datasheet HTML 2Page - Analog Devices ADE7880ACPZ Datasheet HTML 3Page - Analog Devices ADE7880ACPZ Datasheet HTML 4Page - Analog Devices ADE7880ACPZ Datasheet HTML 5Page - Analog Devices ADE7880ACPZ Datasheet HTML 6Page - Analog Devices ADE7880ACPZ Datasheet HTML 7Page - Analog Devices ADE7880ACPZ Datasheet HTML 8Page - Analog Devices ADE7880ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 5 of 104
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
Output Frequency Variation
0.01
%
Fundamental Reactive Energy
Measurement Bandwidth (−3 dB)
3.3
kHz
RMS MEASUREMENTS
I RMS and V RMS Measurement
Bandwidth (−3 dB)
3.3
kHz
I RMS and V RMS Measurement Error
(PSM0 Mode)
0.1
%
Over a dynamic range of 1000 to 1,
PGA = 1
MEAN ABSOLUTE VALUE (MAV)
MEASUREMENT
I MAV Measurement Bandwidth
(PSM1 Mode)
260
Hz
I MAV Measurement Error (PSM1 Mode)
0.5
%
Over a dynamic range of 100 to 1,
PGA = 1, 2, 4, 8
HARMONIC MEASUREMENTS
Bandwidth (−3 dB)
3.3
kHz
No attenuation Pass Band
2.8
kHz
Fundamental Line Frequency fL
45
66
Hz
Nominal voltages must have amplitudes
greater than 100 mV peak at voltage ADCs
Maximum Number of Harmonics3
L
f
2800
Absolute Maximum Number of
Harmonics
63
Harmonic RMS Measurement Error
1
%
Instantaneous reading accuracy over a
dynamic range of 1000 to 1 for harmonics
of frequencies within the pass band; after
the initial 750 ms settling time; PGA = 1
Accuracy over a dynamic range of 2000:1
for harmonics of frequencies within the
pass band; average of 10 readings at 128
ms update rate, after the initial 750 ms
setting time; PGA = 1
Harmonic Active/Reactive Power
Measurement Error
1
%
Instantaneous reading accuracy over a
dynamic range of 1000 to 1 for harmonics
of frequencies within the pass band; after
the initial 750 ms settling time; PGA = 1.
Accuracy over a dynamic range of 2000:1
for harmonics of frequencies within the
pass band; average of 5 readings at 128 ms
update rate, after the initial 750 ms setting
time; PGA = 1.
ANALOG INPUTS
Maximum Signal Levels
±500
mV peak
Differential inputs between the following
pins: IAP and IAN, IBP and IBN, ICP and ICN;
single-ended inputs between the following
pins: VAP and VN, VBP and VN, VCP, and VN
Input Impedance (DC)
IAP, IAN, IBP, IBN, ICP, ICN, VAP, VBP,
and VCP Pins
490
VN Pin
170
ADC Offset Error
−35
mV
PGA = 1, uncalibrated error, see the
Terminology section. Scales inversely
proportional to the other PGA gains.
Gain Error
−2
%
External 1.2 V reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com