Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7880ACPZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 45Page - Analog Devices ADE7880ACPZ Datasheet HTML 46Page - Analog Devices ADE7880ACPZ Datasheet HTML 47Page - Analog Devices ADE7880ACPZ Datasheet HTML 48Page - Analog Devices ADE7880ACPZ Datasheet HTML 49Page - Analog Devices ADE7880ACPZ Datasheet HTML 50Page - Analog Devices ADE7880ACPZ Datasheet HTML 51Page - Analog Devices ADE7880ACPZ Datasheet HTML 52Page - Analog Devices ADE7880ACPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 49 of 104
set to high again by writing to the STATUS0 register with the
corresponding bit set to 1.
Because the active power is integrated on an integer number of
half-line cycles in this mode, the sinusoidal components are
reduced to 0, eliminating any ripple in the energy calculation.
Therefore, total energy accumulated using the line cycle
accumulation mode is
()
=
+
=
=
1
k
k
k
nT
t
t
I
V
nT
dt
t
p
e
cos(φk – γk)
(29)
where nT is the accumulation time.
Note that line cycle active energy accumulation uses the same
signal path as the active energy accumulation. The LSB size of
these two methods is equivalent.
FUNDAMENTAL REACTIVE POWER CALCULATION
The ADE7880 computes the fundamental reactive power, the
power determined only by the fundamental components of the
voltages and currents.
The ADE7880 also computes the harmonic reactive powers, the
reactive powers determined by the harmonic components of the
voltages and currents. See Harmonics Calculations section for
details. A load that contains a reactive element (inductor or
capacitor) produces a phase difference between the applied ac
voltage and the resulting current. The power associated with
reactive elements is called reactive power, and its unit is VAR.
Reactive power is defined as the product of the voltage and current
waveforms when all harmonic components of one of these
signals are phase shifted by 90°.
Equation 31 is an example of the instantaneous reactive power
signal in an ac system when the phase of the current channel is
shifted by +90°.
=
=
1
2
)
(
k
k
V
t
v
sin(kωt + φk)
(30)
()
k
k
k
γ
t
ω
k
I
t
i
+
=
=
sin
2
)
(
1
(31)
+
+
=
=
2
sin
2
)
(
'
1
π
γ
t
ω
k
I
t
i
k
k
k
where i’(t) is the current waveform with all harmonic
components phase shifted by 90°.
Next, the instantaneous reactive power, q(t), can be expressed as
q(t) = v(t) × iʹ(t)
(32)
=
×
=
1
2
)
(
k
k
k I
V
t
q
sin(kωt + φk) × sin(kωt + γk +
2
π
) +
× 2sin(kωt + φk) × sin(mωt + γm +
=
m
k
m
k
m
k I
V
1
,
2
π
)
Note that q(t) can be rewritten as
=
=
1
)
(
k
k
k I
V
t
q
{cos(φ
k
− γk
2
π ) − cos(2 kωt + φ
k
+ γk +
2
π )} +
=
m
k
m
k
m
kI
V
1
,
{cos[(k – m)ωt + φ
k
− γk
2
π ]
cos
[(k + m)ωt + φk + γk +
2
π ]
}
(33)
The average total reactive power over an integral number of line
cycles (n) is shown in Equation 34.
()
=
=
=
nT
k
k
k I
V
dt
t
q
nT
Q
0
1
1
cos(φk – γk
2
π
)
(34)
=
=
1
k
k
k I
V
Q
sin(φk – γk)
where:
T is the period of the line cycle.
Q is referred to as the total reactive power. Note that the total
reactive power is equal to the dc component of the instantaneous
reactive power signal q(t) in Equation 32, that is,
=1
k
k
k I
V
sin(φk – γk)
This is the relationship used to calculate the total reactive power
for each phase. The instantaneous reactive power signal, q(t), is
generated by multiplying each harmonic of the voltage signals by
the 90° phase-shifted corresponding harmonic of the current in
each phase.
The expression of fundamental reactive power is obtained from
Equation 33 with k = 1, as follows:
FQ = V1I1 sin(φ1 – γ1)
The ADE7880 computes the fundamental reactive power using
a proprietary algorithm that requires some initialization
function of the frequency of the network and its nominal
voltage measured in the voltage channel. These initializations
are introduced in the Active Power Calculation section and are
common for both fundamental active and reactive powers.
The ADE7880 stores the instantaneous fundamental phase
reactive powers into the AFVAR, BFVAR, and CFVAR registers.
Their equation is
×
×
=
FS
FS
I
I
U
U
xFVAR
1
1
sin(φ1 – γ1) × PMAX ×
4
2
1
(35)
where:
UFS, IFS are the rms values of the phase voltage and current when
the ADC inputs are at full scale.
PMAX = 27,059,678, the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The xFVAR waveform registers are not mapped with an address
in the register space and can be accessed only through HSDC
port in the waveform sampling mode (see Waveform Sampling
Mode section for details). Fundamental reactive power
information is also available through the harmonic calculations
of the ADE7880 (see Harmonics Calculations section for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com