Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1053 Datasheet(PDF) 72 Page - Analog Devices

Part # ADP1053
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADP1053 Datasheet HTML 68Page - Analog Devices ADP1053 Datasheet HTML 69Page - Analog Devices ADP1053 Datasheet HTML 70Page - Analog Devices ADP1053 Datasheet HTML 71Page - Analog Devices ADP1053 Datasheet HTML 72Page - Analog Devices ADP1053 Datasheet HTML 73Page - Analog Devices ADP1053 Datasheet HTML 74Page - Analog Devices ADP1053 Datasheet HTML 75Page - Analog Devices ADP1053 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 72 of 84
Table 107. Register 0xFE72—Balance Control Settings
Bits
Bit Name
R/W
Description
7
Channel selection for
volt-second balance
control
R/W
Setting this bit selects Channel A or Channel C for volt-second balance control.
0 = use Channel C for volt-second balance control.
1 = use Channel A for volt-second balance control.
6
Volt-second balance
control limit
R/W
This bit sets the modulation limit on the duty cycles from the volt-second control circuit.
0 = maximum volt-second control modulation is ±160 ns.
1 = maximum volt-second control modulation is ±80 ns.
These bits set the volt-second balance control loop gain.
Bit 5
Bit 4
Volt-Second Balance Control Loop Gain
0
0
1
0
1
4
1
0
16
[5:4]
Volt-second balance
loop gain
R/W
1
1
64
3
Sensing selection for
current balance
R/W
Setting this bit selects CS1_A/CS1_B or CS2_A/CS2_B for current balance control.
0 = use CS2_A/CS2_B for current balance control.
1 = use CS1_A/CS1_B for current balance control.
2
Current balance
control limit
R/W
This bit sets the modulation limit on the duty cycles from the current control circuit.
0 = maximum current control modulation is ±160 ns.
1 = maximum current control modulation is ±80 ns.
These bits set the current balance control loop gain.
Bit 1
Bit 0
Current Balance Control Loop Gain
0
0
1
0
1
4
1
0
16
[1:0]
Current balance loop
gain
R/W
1
1
64
TEMPERATURE SENSE AND PROTECTION SETTING REGISTERS
Table 108. Register 0xFE73—RTD1 Gain Trim
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
RTD1 gain trim
R/W
This value calibrates the RTD1 sensing gain (see the RTD1, RTD2, OTP1, and OTP2 Trim section).
Table 109. Register 0xFE74—RTD2 Gain Trim
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
RTD2 gain trim
R/W
This value calibrates the RTD2 sensing gain (see the RTD1, RTD2, OTP1, and OTP2 Trim section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com