Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1053 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1053
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1053 Datasheet HTML 5Page - Analog Devices ADP1053 Datasheet HTML 6Page - Analog Devices ADP1053 Datasheet HTML 7Page - Analog Devices ADP1053 Datasheet HTML 8Page - Analog Devices ADP1053 Datasheet HTML 9Page - Analog Devices ADP1053 Datasheet HTML 10Page - Analog Devices ADP1053 Datasheet HTML 11Page - Analog Devices ADP1053 Datasheet HTML 12Page - Analog Devices ADP1053 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 9 of 84
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (Continuous), VDD
4.2 V
Digital Pins
−0.3 V to VDD + 0.3 V
VS−_A, VS−_B, PGND_A, PGND_B
to AGND, DGND
−0.3 V to +0.3 V
Other Analog Pins to AGND
3.6 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Peak Solder Reflow Temperature
SnPb Assemblies (10 sec to 30 sec)
240°C
RoHS Compliant Assemblies
(20 to 40 sec)
260°C
ESD
Charged Device Model
1.0 kV
Human Body Model
2.5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
40-Lead LFCSP (CP-40-10)
28.36
2.1
°C/W
SOLDERING
It is important to follow the correct guidelines when laying out
the PCB footprint for the ADP1053 and when soldering the
part onto the PCB. For detailed information about these guide-
lines, see the AN-772 Application Note.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com