Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2371 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2371 Datasheet HTML 3Page - Analog Devices ADP2371 Datasheet HTML 4Page - Analog Devices ADP2371 Datasheet HTML 5Page - Analog Devices ADP2371 Datasheet HTML 6Page - Analog Devices ADP2371 Datasheet HTML 7Page - Analog Devices ADP2371 Datasheet HTML 8Page - Analog Devices ADP2371 Datasheet HTML 9Page - Analog Devices ADP2371 Datasheet HTML 10Page - Analog Devices ADP2371 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADP2370/ADP2371
Rev. A | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADP2370/ADP2371
TOP VIEW
(Not to
Scale)
3
EN
4
SYNC
1
VIN
NOTES
1. THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE ENHANCES
THE THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED
TO GROUND INSIDE THE PACKAGE. THE EXPOSED PAD MUST BE
CONNECTED TO THE GROUND PLANE ON THE CIRCUIT BOARD
FOR PROPER OPERATION.
2
FSEL
6 PG
5 FB
8 PGND
7 SW
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN
Power Input.
2
FSEL
Frequency Select. High = 1.2 MHz, low = 600 kHz.
3
EN
Enable. Enable input with precision thresholds.
4
SYNC
Synchronize. This pin is used to synchronize the device to an external 600 kHz to 1.2 MHz clock or forces
PWM mode when it is held high. SYNC held low forces automatic PWM/PSM operation.
5
FB
Feedback. This pin provides feedback from the output.
6
PG
Power Good. PG is an open-drain output.
7
SW
Switch. This pin serves as the connection from the power MOSFETs to the inductor.
8
PGND
Power Ground.
EPAD
Exposed Pad. The exposed pad on the bottom of the package enhances the thermal performance and is
electrically connected to ground inside the package. The exposed pad must be connected to the ground
plane on the circuit board for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com