Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2371 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 1 Page - Analog Devices

  ADP2371 Datasheet HTML 1Page - Analog Devices ADP2371 Datasheet HTML 2Page - Analog Devices ADP2371 Datasheet HTML 3Page - Analog Devices ADP2371 Datasheet HTML 4Page - Analog Devices ADP2371 Datasheet HTML 5Page - Analog Devices ADP2371 Datasheet HTML 6Page - Analog Devices ADP2371 Datasheet HTML 7Page - Analog Devices ADP2371 Datasheet HTML 8Page - Analog Devices ADP2371 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
High Voltage, 1.2 MHz/600 kHz, 800 mA,
Low Quiescent Current Buck Regulator
Data Sheet
ADP2370/ADP2371
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage range: 3.2 V to 15 V, output current: 800 mA
Quiescent current < 14 µA in power saving mode (PSM)
>90% efficiency
Force PWM pin (SYNC), 600 kHz/1.2 MHz frequency pin
(FSEL)
Fixed outputs: 0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.0 V, 3.3 V, 5 V,
and adjustable option
100% duty cycle capability
Initial accuracy: ±1%
Low shutdown current: <1.2 µA
Quick output discharge (QOD) option
Synchronizable to an external clock
8-lead, 0.75 mm × 3 mm × 3 mm LFCSP (QFN) package
Supported by ADIsimPower design tool
APPLICATIONS
Portable and battery-powered equipment
Automatic meter readers (WSN)
Point of sales and transaction processing instruments
Medical instruments
Medium format display tablets and pads
TYPICAL APPLICATION CIRCUIT
ADP2370/
ADP2371
FSEL
EN
POWER GOOD
VOUT = 3.3V
VIN = 6V
CIN
10µF
COUT
10µF
AGND
(EXPOSED PAD)
VIN
SYNC
ON
OFF
1.2MHz
600kHz
SW
PG
PGND
FB
1
2
3
4
8
7
6
5
Figure 1.
GENERAL DESCRIPTION
The ADP2370/ADP2371 are high efficiency, low quiescent current,
800 mA buck (step-down) dc-to-dc converters in small 8-lead,
3 mm × 3 mm LFCSP (QFN) packages. The total solution requires
only three tiny external components.
The buck regulator uses a proprietary high speed current mode,
constant frequency PWM control scheme for excellent stability
and transient response. The need for an external rectifier is elimi-
nated by using a high efficiency synchronous rectifier architecture.
To ensure the longest battery life in portable applications, the
ADP2370/ADP2371 employ a power saving variable frequency
mode that reduces the switching frequency under light load
conditions. The ADP2370/ADP2371 operate from input voltages
of 3.2 V to 15 V allowing the use of multiple alkaline/NiMH,
lithium cells, or other standard power sources.
The ADP2370/ADP2371 offer multiple options for setting the
operational frequency. The ADP2370/ADP2371 can be synchro-
nized to a 600 kHz to 1.2 MHz external clock or it can be forced
to operate at 600 kHz or 1.2 MHz via the FSEL pin. The ADP2370/
ADP2371 can be forced to operate in PWM mode (FPWM)
when noise considerations are more important than efficiency.
A power-good output is available to indicate when the output
voltage is below 92% of its nominal value.
The ADP2371 is identical to the ADP2370 except that the
ADP2371 includes the addition of an integrated switched
resistor, quick output discharge function (QOD) that auto-
matically discharges the output when the device is disabled.
Both devices include an internal power switch and a synchronous
rectifier for minimal external part count and high efficiency.
The ADP2370/ADP2371 also include internal soft start and
internal compensation for ease of use.
During a logic controlled shutdown, the input is disconnected
from the output and the regulator draws less than 1.2 μA from
the input source. Other key features include undervoltage lockout
to prevent deep battery discharge and soft start to prevent input
overcurrent at startup. Short-circuit protection and thermal over-
load protection circuits prevent damage under adverse conditions.
The ADP2370/ADP2371 each use one 0805 capacitor, one 1206
capacitor, and one 4 mm × 4 mm inductor. The total solution
size is about 53 mm2 resulting in a very small footprint solution
to meet a variety of portable applications.


Similar Part No. - ADP2371

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2300 AD-ADP2300 Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
ADP2300-EVALZ AD-ADP2300-EVALZ Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R2 AD-ADP2300AUJZ-R2 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2301 AD-ADP2301 Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
More results

Similar Description - ADP2371

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM52-0001 MACOM-AM52-0001 Datasheet
79Kb / 6P
1.2 W High Efficiency Power Amplifier 800 - 960 MHz
logo
Sipex Corporation
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
High Voltage, 600 KHz Synchronous PWM Controller
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523 Datasheet
302Kb / 14P
3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
NCP1523 ONSEMI-NCP1523_07 Datasheet
261Kb / 16P
3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
logo
Analog Devices
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
logo
Texas Instruments
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com