Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7102 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7102
Description  20 V, 300 mA, Low Noise, CMOS LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7102 Datasheet(HTML) 1 Page - Analog Devices

  ADP7102 Datasheet HTML 1Page - Analog Devices ADP7102 Datasheet HTML 2Page - Analog Devices ADP7102 Datasheet HTML 3Page - Analog Devices ADP7102 Datasheet HTML 4Page - Analog Devices ADP7102 Datasheet HTML 5Page - Analog Devices ADP7102 Datasheet HTML 6Page - Analog Devices ADP7102 Datasheet HTML 7Page - Analog Devices ADP7102 Datasheet HTML 8Page - Analog Devices ADP7102 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
20 V, 300 mA, Low Noise, CMOS LDO
Data Sheet
ADP7102
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage range: 3.3 V to 20 V
Maximum output current: 300 mA
Low noise: 15 µV rms for fixed output versions
PSRR performance of 60 dB at 10 kHz, VOUT = 3.3 V
Reverse current protection
Low dropout voltage: 200 mV at 300 mA load
Initial accuracy: ±0.8%
Accuracy over line, load, and temperature: −2%, +1%
Low quiescent current (VIN = 5 V), IGND = 750 μA with 300 mA
load
Low shutdown current: 40 µA at VIN = 12 V
Stable with small 1 µF ceramic output capacitor
7 fixed output voltage options: 1.5 V, 1.8 V, 2.5 V, 3 V, 3.3 V,
5 V, and 9 V
Adjustable output from 1.22 V to VIN – VDO
Foldback current limit and thermal overload protection
User programmable precision UVLO/enable
Power good indicator
8-lead LFCSP and 8-lead SOIC packages
APPLICATIONS
Regulation to noise sensitive applications: ADC, DAC
circuits, precision amplifiers, high frequency oscillators,
clocks, and PLLs
Communications and infrastructure
Medical and healthcare
Industrial and instrumentation
TYPICAL APPLICATION CIRCUITS
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
SENSE
EN/
UVLO
RPG
100k
Ω
R2
100k
Ω
R1
100k
Ω
COUT
1µF
CIN
1µF
ON
OFF
+
+
Figure 1. ADP7102 with Fixed Output Voltage, 5 V
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
ADJ
EN/
UVLO
RPG
100k
Ω
R4
100k
Ω
R3
100k
Ω
COUT
1µF
CIN
1µF
ON
OFF
+
+
R2
13kΩ
R1
40.2kΩ
Figure 2. ADP7102 with Adjustable Output Voltage, 5 V
GENERAL DESCRIPTION
The ADP7102 is a CMOS, low dropout linear regulator that
operates from 3.3 V to 20 V and provides up to 300 mA of
output current. This high input voltage LDO is ideal for
regulation of high performance analog and mixed signal
circuits operating from 19 V to 1.22 V rails. Using an
advanced proprietary architecture, it provides high power
supply rejection, low noise, and achieves excellent line and
load transient response with just a small 1 µF ceramic
output capacitor.
The ADP7102 is available in 7 fixed output voltage options and
an adjustable version, which allows output voltages that range
from 1.22 V to VIN − VDO via an external feedback divider.
The ADP7102 output noise voltage is 15 μV rms and is inde-
pendent of the output voltage. A digital power good output
allows power system monitors to check the health of the output
voltage. A user programmable precision undervoltage lockout
function facilitates sequencing of multiple power supplies.
The ADP7102 is available in 8-lead, 3 mm × 3 mm LFCSP
and 8-lead SOIC packages. The LFCSP offers a very compact
solution and also provides excellent thermal performance for
applications requiring up to 300 mA of output current in a
small, low-profile footprint.


Similar Part No. - ADP7102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7102 AD-ADP7102 Datasheet
191Kb / 9P
Robust, Configurable, Isolated and Nonisolated RS-485 Transceiver
Rev. 0
More results

Similar Description - ADP7102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
logo
Analog Devices
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
20 V, 500 mA, Low Noise, CMOS LDO
REV. B
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
logo
Analog Devices
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
9/2020-Rev. E to Rev. F
logo
Texas Instruments
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
LP5910 300-mA Low-Noise, Low-IQ LDO
logo
Analog Devices
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com