Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7102 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP7102
Description  20 V, 300 mA, Low Noise, CMOS LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7102 Datasheet(HTML) 2 Page - Analog Devices

  ADP7102 Datasheet HTML 1Page - Analog Devices ADP7102 Datasheet HTML 2Page - Analog Devices ADP7102 Datasheet HTML 3Page - Analog Devices ADP7102 Datasheet HTML 4Page - Analog Devices ADP7102 Datasheet HTML 5Page - Analog Devices ADP7102 Datasheet HTML 6Page - Analog Devices ADP7102 Datasheet HTML 7Page - Analog Devices ADP7102 Datasheet HTML 8Page - Analog Devices ADP7102 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADP7102
Data Sheet
Rev. A | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuits............................................................ 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Input and Output Capacitor, Recommended Specifications.. 4
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 17
Applications Information .............................................................. 18
Capacitor Selection .................................................................... 18
Programable Undervoltage Lockout (UVLO)........................... 19
Power Good Feature .................................................................. 20
Noise Reduction of the Adjustable ADP7102 ........................ 20
Current Limit and Thermal Overload Protection ................. 21
Thermal Considerations............................................................ 21
Printed Circuit Board Layout Considerations............................ 24
Outline Dimensions....................................................................... 25
Ordering Guide .......................................................................... 26
REVISION HISTORY
11/11—Rev. 0 to Rev. A
Changes to Figure 50...................................................................... 14
10/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com