Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6807 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6807
Description  700 MHz to 1050 MHz Quadrature
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6807 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6807 Datasheet HTML 1Page - Analog Devices ADRF6807 Datasheet HTML 2Page - Analog Devices ADRF6807 Datasheet HTML 3Page - Analog Devices ADRF6807 Datasheet HTML 4Page - Analog Devices ADRF6807 Datasheet HTML 5Page - Analog Devices ADRF6807 Datasheet HTML 6Page - Analog Devices ADRF6807 Datasheet HTML 7Page - Analog Devices ADRF6807 Datasheet HTML 8Page - Analog Devices ADRF6807 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADRF6807
Data Sheet
Rev. B | Page 4 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYNTHESIZER SPECIFICATIONS
All synthesizer specifications measured with recommended
settings provided in Figure 33 through Figure 40
Channel Spacing
fPFD = 26 MHz
25
kHz
PLL Bandwidth
Can be adjusted with off-chip loop filter component values
and RSET
67
kHz
SPURS
fLO = 900 MHz, fREF = 26 MHz, fPFD = 26 MHz, measured at
baseband outputs with fBB = 50 MHz
Reference Spurs
fREF = 26 MHz, fPFD = 26 MHz
−93
dBc
fREF/2
−104
dBc
fREF × 2
−85
dBc
fREF × 3
−97
dBc
PHASE NOISE (USING 67 kHz LOOP
FILTER)
fLO = 900 MHz, fREF = 26 MHz, fPFD = 26 MHz, measured at
baseband outputs with fBB = 50 MHz
At 1 kHz offset
−104
dBc/Hz
At 10 kHz offset
−107
dBc/Hz
At 100 kHz offset
−111
dBc/Hz
At 500 kHz offset
−131
dBc/Hz
At 1 MHz offset
−138
dBc/Hz
At 5 MHz offset
−149
dBc/Hz
At 10 MHz offset
−152
dBc/Hz
Integrated Phase Noise
1 kHz to 10 MHz integration bandwidth
0.13
°rms
Phase Detector Frequency
20
26
40
MHz
PHASE NOISE (USING 2.5 kHz
LOOP FILTER)
fLO = 900 MHz, fREF = 26 MHz, fPFD = 26 MHz, measured at
baseband outputs with fBB = 50 MHz
At 1 kHz offset
−73
dBc/Hz
At 10 kHz offset
−90
dBc/Hz
At 100 kHz offset
−119
dBc/Hz
At 500 kHz offset
−135
dBc/Hz
At 1 MHz offset
−141
dBc/Hz
At 5 MHz offset
−150
dBc/Hz
At 10 MHz offset
−152
dBc/Hz
PLL FIGURE OF MERIT (FOM)
Measured with fREF = 26 MHz, fPFD = 26 MHz
−215.4
dBc/Hz/Hz
Measured with fREF = 104 MHz, fPFD = 26 MHz
−220.9
dBc/Hz/Hz
Phase Detector Frequency
20
26
40
MHz
REFERENCE CHARACTERISTICS
REFIN, MUXOUT pins
REFIN Input Frequency
Usable range
9
160
MHz
REFIN Input Capacitance
4
pF
MUXOUT Output Level
VOL (lock detect output selected)
0.25
V
VOH (lock detect output selected)
2.7
V
REFOUT Duty Cycle
50
%
CHARGE PUMP
Pump Current
500
μA
Output Compliance Range
1
2.8
V
LOGIC INPUTS
CLK, DATA, LE pins
Input High Voltage, VINH
1.4
3.3
V
Input Low Voltage, VINL
0
0.7
V
Input Current, IINH/IINL
0.1
μA
Input Capacitance, CIN
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com