Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6807 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6807
Description  700 MHz to 1050 MHz Quadrature
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6807 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6807 Datasheet HTML 2Page - Analog Devices ADRF6807 Datasheet HTML 3Page - Analog Devices ADRF6807 Datasheet HTML 4Page - Analog Devices ADRF6807 Datasheet HTML 5Page - Analog Devices ADRF6807 Datasheet HTML 6Page - Analog Devices ADRF6807 Datasheet HTML 7Page - Analog Devices ADRF6807 Datasheet HTML 8Page - Analog Devices ADRF6807 Datasheet HTML 9Page - Analog Devices ADRF6807 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADRF6807
Data Sheet
Rev. B | Page 6 of 36
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage, VCCBB and VCCRF (VS1)
−0.5 V to +5.5 V
Supply Voltage, VCC1, VCC2, and VCCLO (VS2)
−0.5 V to +3.6 V
Digital I/O, CLK, DATA, and LE
−0.3 V to +3.6 V
RFIP and RFIN (Each Pin AC-Coupled)
13 dBm
θJA (Exposed Paddle Soldered Down)
30°C/W
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com