Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1045-G Datasheet(PDF) 1 Page - Comchip Technology

Part # MBRF1045-G
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBRF1045-G Datasheet(HTML) 1 Page - Comchip Technology

  MBRF1045-G Datasheet HTML 1Page - Comchip Technology MBRF1045-G Datasheet HTML 2Page - Comchip Technology MBRF1045-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QW-BB053
Page 1
REV:A
Maximum Ratings And Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
NOTES:
1. 300μs pulse width, 2% duty cycle.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Reverse Voltage: 30 to 100 V
Forward Current: 10 A
RoHS Device
MBRF1030-G Thru. MBR
-G
F10100
Dimensions in inches and (millimeter)
ITO-220AC
Comchip Technology CO., LTD.
Parameter
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current (See Fig.1)
Operating Temperature Range
Storage Temperature Range
100
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TJ
TSTG
150
-55 to +150
-55 to +175
V
V
V
A
A
V
mA
70
100
MBRF
1030-G
IF=10A@ TJ= 25°C
IF=10A@ TJ=125°C
IF=20A@ TJ= 25°C
IF=20A@ TJ=125°C
0.70
0.57
0.84
0.72
0.80
0.70
0.95
0.85
0.1
15
1100
Typical Thermal Resistance (Note 3)
RθJC
2.5
°C/W
°C
°C
3. Thermal resistance junction to case.
Schottky Barrier Rectifiers
Features
Mechanical Data
-Guard ring for transient protection.
-Low power loss high efficiency.
-Mounting position: Any
-Case: JEDEC ITO-220AC, molded plastic body.
-Weight: 2.24 grams
-High current capability.
-High surge capacity.
-For use in l
, h
ow voltage
igh frequency inverters,
free wheeling, and polarity protection applications.
-Polarity: As marked on the body.
-Terminals: Pure tin plated, lead free.Solderable per
MIL-STD-750,Method 2026
Peak F
Note 1
orward Voltage (
)
Maximum DC Reverse Current @ Tc= 25°C
Rate DC Blocking Voltage
@ Tc= 125°C at (Note 2)
at
Peak Forward Surage Current , 8.3ms Single Half
Sine-Wave Super Imposed On Rated Load(JEDEC Method)
0.118(3.00)
0.102(2.60)
0.173(4.40)
0.189(4.80)
0.511(13.00)
0.551(14.00)
0.622(15.80)
0.583(14.80)
0.102(2.60)
0.118(3.00)
0.138(3.50)
0.122(3.10)
0.386( 9.80)
0.406(10.30)
0.028(0.70)
0.020(0.50)
0.059(1.50)
0.031(0.80)
0.020(0.50)
0.105(2.67)
0.095(2.41)
0.114(2.90)
0.098(2.50)
0.043(1.10)
0.04 MAX
(1.0)
0.118(3.00)
0.157(4.00)
Typical Junction Capacitance (Note 2)
CJ
P
F
MBRF
1040-G
MBRF
1045-G
MBRF
1050-G
MBRF
1060-G
MBRF
1080-G
MBRF
10100-G
2.0
400
0.1
10
0.1
6.0
0.85
0.71
-
-
10.0
80
56
80
60
42
60
50
35
50
45
31.5
45
40
28
40
30
21
30


Similar Part No. - MBRF1045-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF1045-E3/45 VISHAY-MBRF1045-E3/45 Datasheet
143Kb / 5P
Schottky Barrier Rectifier
07-May-08
More results

Similar Description - MBRF1045-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com