Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1045-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MBRF1045-G
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBRF1045-G Datasheet(HTML) 2 Page - Comchip Technology

  MBRF1045-G Datasheet HTML 1Page - Comchip Technology MBRF1045-G Datasheet HTML 2Page - Comchip Technology MBRF1045-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES (
)
MBRF1030-G Thru. MBRF10100-G
Fig.2 - Maximum Non-Repetitive Surge Current
1
250
200
150
100
50
0
300
10
2
5
20
50
100
Fig.4 - Typical Rever Characteristics
Fig.5 - Typical Junction Capacitance
10000
1000
100
Fig.1 - Forward Current Derating Curve
Schottky Barrier Rectifiers
Case Temperature, (°C)
Number Of Cycles at 60Hz
Reverse Voltage, (V)
1
10
100
0.1
TJ=25°C f=1MHz
7.5
5.0
2.5
10.0
0
25
100
50
75
125
150
200
0
12.5
Single half wave 60Hz
Resistive or inductive load
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
175
MBRF1080-G
MBRF10100-G
~
MBRF1030-G
MBRF1060-G
~
MBRF1080-G
MBRF10100-G
~
MBRF1030-G
MBRF1060-G
~
Fig.3 - Typical Reverse Characteristics
20
Percent of Rated Peak Reverse Voltage, (%)
10.0
100
0.01
1.0
0.1
40
60
80
100
120
140
0
TJ =125°C
TJ =75°C
TJ =25°C
MBRF1080-G
MBRF10100-G
~
MBRF1030-G
MBRF1060-G
~
0.3
0.5
1.0
0.9
0.7
0.4
0.6
0.8
Instantaneous Forward Voltage, (V)
0.1
1
10
100
MBRF1030-G
MBRF1045-G
~
MBRF1080-G
MBRF10100-G
~
MBRF1050-G
MBRF1060-G
~
TJ=25°C
PULSE WIDTH 300US
2% DUTY CYCLE
QW-BB053
Page 2
REV:A
Comchip Technology CO., LTD.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com