Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9161CI Datasheet(PDF) 45 Page - Davicom Semiconductor, Inc.

Part # DM9161CI
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CI Datasheet(HTML) 45 Page - Davicom Semiconductor, Inc.

Back Button DM9161CI Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 47Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
47
Final
Version: DM9161CI-DS-F01
February 22, 2012
9.4.21 Magnetic Selection Guide
Refer to Table 2 for transformer requirements.
Transformers, meeting these requirements, are
available from a variety of magnetic manufacturers.
Designers should test and qualify all magnetic before
using them in an application. The transformers listed
in Table 2 are electrical equivalents, but may not be
pin-to-pin equivalents.
• Refer to the following tables 5-1 and 5-2 for 10/100M magnetic sources and specification requirements. The
magnetics which meet these requirements are available from a variety of magnetic manufacturers. Designers
should test and qualify all magnetic specifications before using them in an application. The magnetics listed in
the following table are electrical equivalents, but may not be pin-to-pin equivalents.
Manufacturer
Part Number
MAGCOM`
HS9016, HS9024
Delta
LFE8563-DC, LFE8563T-DC
Table 5-1: 10/100M Magnetics Sources
Parameter
Values
Units
Test Condition
Tx / RX turns ratio
1:1 CT / 1:1
-
-
Inductance
350
μH (Min)
-
Insertion loss
1.1
dB ( Max )
1 – 100 MHz
-18
dB ( Min )
1 –30 MHz
-14
dB ( Min )
30 – 60 MHz
Return loss
-12
dB ( Min )
60 – 80 MHz
-40
dB ( Min )
1 – 60 MHz
Differential
to
common
mode rejection
-30
dB ( Min )
60 – 100 MHz
Transformer isolation
1500
V
-
Table 5-2: Magnetic Specification Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com