Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9161CI Datasheet(PDF) 8 Page - Davicom Semiconductor, Inc.

Part # DM9161CI
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CI Datasheet(HTML) 8 Page - Davicom Semiconductor, Inc.

Back Button DM9161CI Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 12Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
8
Final
Version: DM9161CIIII-DS-F01
February 22, 2012
34
RXCLK
/10BTSER
O,
Z,
LI
(U)
Receive Clock
The received clock provides the timing reference for the transfer of the
RXDV, RXD, and RXER. RXCLK is provided by PHY. The PHY may
recover the RXCLK reference from the received data or it may derive the
RXCLK reference from a nominal clock
25MHz in 100Mbps MII mode, 2.5MHz in 10Mbps MII mode, 10MHz in
10Mbps GPSI (7-Wired) mode
10BTSER only support for 10M mode; (power up reset latch input)
0 = GPSI (7-Wired) mode in 10M mode
1 = MII mode in 100M mode
35
CRS
/PHYAD[4]
O,
Z,
LI
(D)
Carrier Sense Detect/ PHYAD[4]
Asserted high to indicate the presence of carrier due to receive or
transmit activities in half-duplex mode of 10BASE-T or 100BASE-TX. In
repeater mode or full-duplex mode, this signal is asserted high to indicate
the presence of carrier due to receive activity only
This pin is also used as PHYAD [4] (power up reset latch input)
PHY address sensing input pin
36
COL
/RMII
O,
Z,
LI
(D)
Collision Detection
Asserted high to indicate the detection of the collision conditions in half-
duplex mode of 10Mbps and 100Mbps. In full-duplex mode, this signal is
always logical 0
Reduced MII enable:
This pin is also used to select Normal MII or Reduced MII. (power up
reset latch input)
0= Normal MII (default)
1= Reduced MII
This pin is always pulled low except used as reduced MII
37
RXDV
/TESTMODE
O,
Z,
LI
(D)
Receive Data Valid
Asserted high to indicate that the valid data is presented on the RXD [0:3]
Test mode control pin (power up reset latch input)
0 = normal operation (default)
1 = enable test mode
38
RXER/RXD[4]
/RPTR
O,
Z,
LI
(D)
Receive Data Error/The Fifth RXD Data Bit of the 5B Symbol
Asserted high to indicate that an invalid symbol has been detected
In decoder bypass mode (bypass BP4B5B), RXER becomes RXD [4], the
fifth RXD data bit of the 5B symbol
This pin is also used to select Repeater or Node mode. (power up reset
latch input)
0 = Node Mode (default)
1 = Repeater Mode
31
LEDMODE
I LED MODE Select
Reference LED function description
0: support Dual-LED
1: Normal LED
40
RESET#
I
Reset
Active low input that initializes the DM9161CI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com