Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9302EP Datasheet(PDF) 57 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 57 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 61Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
57
DM9302-15-DS-P01
July 30, 2009
10. DC AND AC ELECTRICAL CHARACTERISTICS
10.1 Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
Conditions
VCC3
3.3V Supply Voltage
-0.3
3.6
V
-
VCCI
1.8V core power supply
-0.3
1.95
V
-
AVDD3
Analog power supply 3.3V
-0.3
3.6
V
-
AVDDI
Analog power supply 1.8V
-0.3
1.95
V
-
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
-
TSTG
Storage Temperature range
-65
+150
°C
-
TA
Ambient Temperature
0
+70
°C
-
LT
Lead Temperature
(TL, soldering, 10 sec.).
-
+260
°C
Lead-free Device
10.2 Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VCC3
3.3V Supply Voltage
3.135
3.300
3.465
V
-
VCCI
1.8V core power supply
1.71
1.80
1.89
V
-
AVDD3
Analog power supply 3.3V
3.135
3.300
3.465
V
-
AVDDI
Analog power supply 1.8V
1.71
1.80
1.89
V
-
-
90
-
mA
1.8VD only
-
120
-
mA
1.8VA only
-
20
-
mA
3.3VD only
100BASE-TX with 100BASE-FX
Data utilization rate is 100%
-
50
-
mA
3.3VA only
-
90
-
mA
1.8VD only
-
110
-
mA
1.8VA only
-
40
-
mA
3.3VD only
Ethernet Link O.K.
-
40
-
mA
3.3VA only
-
90
-
mA
1.8VD only
-
120
-
mA
1.8VA only
-
60
-
mA
3.3VD only
Fiber Link O.K.
-
20
-
mA
3.3VA only
-
80
-
mA
1.8VD only
-
80
-
mA
1.8VA only
-
30
-
mA
3.3VD only
PD
(Power
Dissipation)
Auto-negotiation or cable off
-
40
-
mA
3.3VA only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com