Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9302EP Datasheet(PDF) 29 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 29 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 33Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
29
DM9302-15-DS-P01
July 30, 2009
6.43 Port-Based VLAN Mapping Table Registers (B0H~BFH)
Define the port member in VLAN group
There are 16 VLAN group that defined in Reg. B0H~BFH.
Group 0 defined in Reg. B0H, and group 1 defined in Reg. B1H, and so on.
Bit
Name
Default
Description
7:4
RESERVED
PE0,RO
Reserved
3
PORT_UP
PE1,RW
Mapping to processor
2
RESERVED
PE1,RW
Reserved
1
PORT_P1
PE1,RW
Mapping to port 1
0
PORT_P0
PE1,RW
Mapping to port 0
6.44 TOS Priority Map Registers (C0H~CFH)
Define the 6-bit or 3-bit of ToS field mapping to 2-bit priority queue number.
In 6-bit type, the Reg. 53H bit 7 is “1”, Reg. C0H bit [1:0] define the mapping for ToS value 0, Reg. 60H bit [3:2] define the
mapping for ToS value 1, and so on, till Reg. CFH bit [7:6] define ToS value 63.
In 3-bit type, Reg. 53H bit 7 is “0” define the mapping for ToS value 0, Reg. 60H bit [3:2] define the mapping for ToS value 1,
and so on, till Reg. C1H bit [7:6] define ToS value 7.
Reg. C0H:
Bit
Name
Default
Description
7:6
TOS3
PE0/1,RW If Reg. 53H. bit 7 =1 :TOS[7:2]=03H, otherwise TOS]7:5]=03H
5:4
TOS2
PE0,/1RW If Reg. 53H. bit 7 =1 :TOS[7:2]=02H, otherwise TOS]7:5]=02H
3:2
TOS1
PE0,RW
If Reg.53H. bit 7 =1 :TOS[7:2]=01H, otherwise TOS]7:5]=01H
1:0
TOS0
PE0,RW
If Reg.53H. bit 7 =1 :TOS[7:2]=00H, otherwise TOS]7:5]=00H
Reg. C1H:
Bit
Name
Default
Description
7:6
TOS7
PE0/3,RW If Reg.53H. bit 7=1 :TOS[7:2]=07H, otherwise TOS]7:5]=07H
5:4
TOS6
PE0/3,RW If Reg.53H. bit 7=1 :TOS[7:2]=06H, otherwise TOS]7:5]=06H
3:2
TOS5
PE0/2,RW If Reg.53H. bit 7=1 :TOS[7:2]=05H, otherwise TOS]7:5]=05H
1:0
TOS4
PE0/2,RW If Reg.53H. bit 7=1 :TOS[7:2]=04H, otherwise TOS]7:5]=04H
Reg. C2H:
Bit
Name
Default
Description
7:6
TOSB
PE0,RW
If Reg.53H. bit 7=1 :TOS[7:2]=0BH
5:4
TOSA
PE0,RW
If Reg.53H. bit 7=1 :TOS[7:2]=0AH
3:2
TOS9
PE0,RW
If Reg.53H. bit 7=1 :TOS[7:2]=09H
1:0
TOS8
PE0,RW
If Reg.53H. bit 7=1 :TOS[7:2]=08H
Reg. C3H:
Bit
Name
Default
Description
7:6
TOSF
PE0,RW
If Reg.53H. bit 7=1 :TOS[7:2]=0FH
5:4
TOSE
PE0,RW
If Reg.53H. bit 7=1 :TOS[7:2]=0EH
3:2
TOSD
PE0,RW
If Reg.53H. bit 7=1 :TOS[7:2]=0DH
1:0
TOSC
PE0,RW
If Reg.53H. bit 7=1 :TOS[7:2]=0CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com