Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44005 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX44005
Description  RGB Color, Temperature,and Infrared Proximity Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44005 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX44005 Datasheet HTML 7Page - Maxim Integrated Products MAX44005 Datasheet HTML 8Page - Maxim Integrated Products MAX44005 Datasheet HTML 9Page - Maxim Integrated Products MAX44005 Datasheet HTML 10Page - Maxim Integrated Products MAX44005 Datasheet HTML 11Page - Maxim Integrated Products MAX44005 Datasheet HTML 12Page - Maxim Integrated Products MAX44005 Datasheet HTML 13Page - Maxim Integrated Products MAX44005 Datasheet HTML 14Page - Maxim Integrated Products MAX44005 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX44005
RGB Color, Temperature,
and Infrared Proximity Sensor
The individual register bits are explained below. Default power-up bit states are highlighted in bold.
Interrupt Status (0x00)
The AMBINTS bit in the Status register 0x00 is read only and indicates that an ambient light interrupt condition has
occurred. If any of these bits (PWRON, PRXINTS, AMBINTS) is set to 1, the INT pin is pulled low. The PRXINTS bit in
the Status register 0x00 is read only and indicates that a proximity receive interrupt condition has occurred. PWRON
bit in the Status register 0x00 is read only, and if set, indicates that a power-on-reset condition has occurred, and any
user-programmed thresholds may not be valid anymore. The SHDN bit in the Status register 0x00 is read/write and can
be used to put the part into and bring out of shutdown for power saving. All register data is retained during this opera-
tion. The RESET bit in the Status register 0x00 is also read/write and can be used to reset all of the registers back to
power-on default condition.
Reading the Interrupt Status register clears the PWRON, PRXINTS and AMBINTS bits, and if set, deasserts the INT pin
(INT pin is pulled high by the off-chip pullup resistor). The PRXINTS and AMBINTS bits are disabled and set to 0 if the
respective interrupt enable bits in Register 0x01 are set to 0.
Table 1. Ambient Interrupt Status Flag (AMBINTS)
Table 2. Proximity Receive Interrupt Status Flag (PRXINTS)
Table 3. Power-On Interrupt Status Flag (PWRON)
REGISTER
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
REGISTER
ADDRESS
POWER-
ON
RESET
STATE
R/W
Interrupt Status
RESET
SHDN
PWRON PRXINTS AMBINTS
0x00
0x04
R/W
BIT0
OPERATION
0
No interrupt trigger event has occurred.
1
The ambient light has exceeded the designated window limits defined by threshold registers for longer than persist
timer count AMBPST[1:0]. It also causes the INT pin to be pulled low. Once set, the only way to clear this bit is to
read this register. This bit is always set to 0 if AMBINTE bit is set to 0.
BIT1
OPERATION
0
No interrupt trigger event has occurred.
1
The IR proximity receive intensity has exceeded the proximity threshold limit for longer than persist timer count
PRXPST[1:0]. It also causes the INT pin to be pulled low. Once set, the only way to clear this bit is to read this regis-
ter. This bit is always set to 0 if PRXINTE bit is set to 0.
BIT2
OPERATION
0
Normal operating mode.
1
The part went through a power-up event, either because the part was turned on or because there was a power-
supply voltage glitch. All interrupt threshold settings in the registers have been reset to power-on-default states and
should be examined if necessary. The INT pin is also pulled low. Once this bit is set, the only way to clear this bit is
to read this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com