Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44005 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX44005
Description  RGB Color, Temperature,and Infrared Proximity Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44005 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX44005 Datasheet HTML 17Page - Maxim Integrated Products MAX44005 Datasheet HTML 18Page - Maxim Integrated Products MAX44005 Datasheet HTML 19Page - Maxim Integrated Products MAX44005 Datasheet HTML 20Page - Maxim Integrated Products MAX44005 Datasheet HTML 21Page - Maxim Integrated Products MAX44005 Datasheet HTML 22Page - Maxim Integrated Products MAX44005 Datasheet HTML 23Page - Maxim Integrated Products MAX44005 Datasheet HTML 24Page - Maxim Integrated Products MAX44005 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
���������������������������������������������������������������� Maxim Integrated Products 21
MAX44005
RGB Color, Temperature,
and Infrared Proximity Sensor
Interrupt Operation
Ambient interrupt is enabled by setting bit 0 of Register
0x01 to 1 and proximity interrupt is enabled by setting bit
1 of Register 0x01 to 1 (see Tables 6 and 7). The interrupt
pin, INT, is an open-drain output and pulls low when an
interrupt condition occurs (e.g., when ambient lux read-
ings exceed threshold limits for a period greater than that
set by the persist timer register). The interrupt status bit
is cleared automatically if Register 0x00 is read or if the
interrupts are disabled.
A PWRON interrupt bit is set to alert the master of a chip
reset operation in case of a power-supply glitch, which
can happen on smartphones that place the light sensor
on a flex with a small connector.
It is recommended to utilize the interrupt pin on the IC to
alert the master to come and read measurements from
the IC. This eliminates the need for the microcontroller
(I2C master) to continually poll the device for information.
Due to the use of pullup resistors on the I2C bus, mini-
mizing I2C bus activity can reduce power consumption
substantially. In addition, this frees up the microcontroller
resources to service other background processes to
improve device performance. The wide variety of smarts
available on the chip, such as ability to set the threshold
levels and to count persist timer limits, allow the part to
operate in an autonomous mode most of the time.
Typical Operating Sequence
Here is the typical operating sequence for the master to
communicate to the IC:
A. Setup:
1) Read the Interrupt Status register (0x00) to confirm
only the PWRON bit is set (usually at power-up
only). This also clears a hardware interrupt.
2) Set the Threshold and Persist Timer registers for
ambient and proximity sensor measurements.
3) Write 0x01 to Proximity Configuration register
(Register 0x03) to set the proximity sensor in the
lowest gain setting, AMB sensor in the highest gain
setting, and the PROX and AMB ADCs are in 10-bit
and 14-bit modes separately.
4) Set IR LED current to suitable level by writing to the
Transmit Configuration register (0x03).
5) Write 0x43 to Main Configuration register (Register
0x01) to set the part in RGBC + IR + PROX
mode, and to enable AMB and proximity interrupts.
Ensure RGBC + IR + PROX mode is enabled.
6) Set new CLEAR, RGB, and infrared channel gains
if necessary to customize AMB operation for appli-
cation conditions. Ensure TRIM bit is set to 1 when
not using default factory-trim settings. Otherwise,
keep this bit set to 0 (power-on default state).
B. Wait for interrupt.
C. On interrupt:
1) Read the Interrupt Status register (0x00) to confirm
the IC to be source of interrupt and to check for
type of interrupt. This should clear the hardware
interrupt on the part, if set.
2) If an AMB interrupt has occurred, read AMB
registers (Register 0x04-0x0D) to confirm if data is
valid, and take appropriate action (e.g., sets
new backlight strength). Set new AMB thresholds if
necessary.
3) If a PROX interrupt has occurred, read the PROX
IR registers (Registers 0x10-0x11) and take
appropriate action (typically turn off or turn on
touch screen and backlight). Set new proximity
thresholds if necessary.
4) Return to step B.
I2C Serial Interface
The IC features an I2C/SMBus™-compatible, 2-wire
serial interface consisting of a serial-data line (SDA) and
a serial-clock line (SCL). SDA and SCL facilitate com-
munication between the IC and the master at clock rates
up to 400kHz. Figure 3 shows the 2-wire interface timing
diagram. The master generates SCL and initiates data
Table 19. Slave Address
SMBus is a trademark of Intel Corp.
SLAVE ADDRESS FOR WRITING
SLAVE ADDRESS FOR READING
1000 1000
1000 1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com