Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515-1069F Datasheet(PDF) 3 Page - Dialight Corporation

Part # 515-1069F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F Datasheet(HTML) 3 Page - Dialight Corporation

  515-1069F Datasheet HTML 1Page - Dialight Corporation 515-1069F Datasheet HTML 2Page - Dialight Corporation 515-1069F Datasheet HTML 3Page - Dialight Corporation 515-1069F Datasheet HTML 4Page - Dialight Corporation 515-1069F Datasheet HTML 5Page - Dialight Corporation 515-1069F Datasheet HTML 6Page - Dialight Corporation 515-1069F Datasheet HTML 7Page - Dialight Corporation 515-1069F Datasheet HTML 8Page - Dialight Corporation 515-1069F Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Typical Applications
• Data center Infrastructure
• Servers - Rack mount; blade; tower
• Storage – High-performance storage subsystems for high- end enterprise
• Networking Equipment for enterprise data centers and telecom communication centers
• Switches, routers, and network control equipment interconnected using fiber optic and
high speed wiring
• Storage Networking Hardware
• Fiber channel host bus adapter cards (HBAs); converged network adapter cards (CNAs);\ISCSi adapter cards;
InfiniBand adapter cards
• Next-Gen Wireless
• Wireless Infrastructure
• Electronic Test & Measurement Instruments
• Communications Testing Equipment
• Process controls
• Automation
• Medical
• Handheld devices
Dialight Optopipes®
Dialight’s expertise in LED indication and lighting is apparent in our line of engineered light-pipes. Dialight has been a
leading manufacturer of lightpipes for network communication and electronic equipment for more than 10 years. Our
200 standard and custom solutions are complemented by new designs resulting from customer requirements or market
developments. Dialight’s optical and mechanical engineers use the latest modeling tools to develop mechanical and
optical simulations that ensure expected performance of the design. SLAs are available to represent the physical and
optical characteristics of the design. Dialight also has an extensive optics lab for post-design measurement and analysis.
With various single and multiple position products for either Panel Mount or PCB Mount oriented lightpipes already in
production, we also have the added capability to manufacture custom solutions to meet your specific requirements.
Features and Benefits
•
Impervious to failure due to shock and vibration
•
Up to 90% more efficient than traditional light sources when delivering monochromatic light
•
Low-voltage and minimal power consumption
•
Light is produced through photonic emission, not as a by-product of a radiating heat source
•
Molded from RoHS compliant UL94-V0 Water Clear Polycarbonate with an oxygen index of 35%.
To compliment our wide range of Lightpipes, Dialight is also the worldwide leader in applied LED technology including
Circuit Board and Panel Mount Indicators, Surface Mount LEDs, LED signaling products for the transportation industry
and LED lighting fixtures for industrial users. Dialight’s Lightpipes are available through our extensive line of Sales Repre-
sentatives and Distributors world-wide. For a complete listing that includes the ability to check stock status at our
Distribution partners, please visit our website at www.dialight.com. The most current version of this catalog will always
be availble at: www.dialight.com/assets/brochures_and_catalogs/indication/lightpipe_selector_guide.pdf
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com