Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515-1069F Datasheet(PDF) 15 Page - Dialight Corporation

Part # 515-1069F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F Datasheet(HTML) 15 Page - Dialight Corporation

Back Button 515-1069F Datasheet HTML 11Page - Dialight Corporation 515-1069F Datasheet HTML 12Page - Dialight Corporation 515-1069F Datasheet HTML 13Page - Dialight Corporation 515-1069F Datasheet HTML 14Page - Dialight Corporation 515-1069F Datasheet HTML 15Page - Dialight Corporation 515-1069F Datasheet HTML 16Page - Dialight Corporation 515-1069F Datasheet HTML 17Page - Dialight Corporation 515-1069F Datasheet HTML 18Page - Dialight Corporation 515-1069F Datasheet HTML 19Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
521-9247F
521-9249F
521-9251F
597-3XX1-207F
597-77X1-207F
597-3XX1-507F
597-77X1-507F
521-9247F
521-9249F
521-9251F
Part Number
Drawing
Suggested
LED*
597-3XX1-207F
597-77X1-207F
597-3XX1-207F
597-77X1-207F
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
521-9247F
521-9249F
521-9251F
515-1096F
515-1147F
515-1157F
515-1044F
515-1033F
515-1033-801F
Panel Mount Multiple Position
.040
(1,02)
TYP
Ø.163
(4,14)
.105
(2,67)
.060
(1,52)
.210
(5,33)
.150
(3,81)
SQ
Ø.150
(3,81)
DIFFUSED
FRONT
SURFACE
.210
(5,33)
.120
(3,05)
PANEL
THICKNESS
OR GREATER
.090
(2,29)
REF
.290
(7,37)
.030
(0,76)
.150
(3,81)
.097
(2,46)
.062 THICK PCB
.147
(3,73)
.217
(5,51)
.020
(0,51)
Ø.120
(3,05)
3.785±.010
(96,14±0,25)
ø.188+.002
- .005
(4,78 +,005 )
- ,012
.140
REF
Ø.140
REF
.103
REF
.060
REF
.65
REF
.095 REF
.21
REF
.610
REF
℄ LEDS
Ø5.00MM CBI
(DIALIGHT P/N:
550-3509-801F
.300
MAX
.150
2.49
2.08
REF
1.90
.475
.482
2.070
2.20
REF
.185
PCB
2.78
REF
.250
.110
.06
TYP
.039
TYP
.110
.75
TYP
.024±.008
.18 TYP
2 PLCS
.550±.008
.07
ø.126±.008
2 PLCS
ø.200
2 PLCS
.17
.36±.03
(9,01±0.7)
.024
(0,61)
.18
(4,6)
.110
(2,79)
.039
(0,99)
.07
(1,8)
ø.200
(5,08)
ø.126
(3,2)
.17
(4,4)
* ’X’ represents a variable part number. See page 17 for LED details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com