Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7939A Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7939A
Description  Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939A Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT7939A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 9Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 10Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 11Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Rev. 1.00
8
April 19, 2012
HT7939A
Fig.13 HT7939A-2 7S4P Dimming=10kHz, D=50%
VIN=5.0V, L=22mH, CIN=COUT=2.2mF
(CH1=VEN Signal, CH2=ILED Current)
Fig.14 HT7939A-2 7S4P Dimming=200kHz, D=50%,
VIN=5.0V, L=22mH, CIN=COUT=2.2mF
(CH1=VEN Signal, CH2=ILED Current)
Fig.15 HT7939A-2 7S4P Start Up Waveform,
VIN=5.0V, L=22mH, CIN=COUT=2.2mF
(CH1=CIN, CH2= VOUT)
Fig.16 HT7939A-2 7S4P OVP Waveform,
VIN=5.0V, L=22mH, CIN=COUT=2.2mF
(CH1= Switching Signal, CH2= VOUT)
Fig.17 HT7939A-2 7S4P basic waveform,
VIN=5.0V, L=22mH, CIN=COUT=2.2mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com