Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7939A Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7939A
Description  Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939A Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7939A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 9Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 10Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 11Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 12Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev. 1.00
9
April 19, 2012
HT7939A
Application Circuits
VIN
EN
GND
SW
OVP
FB
HT7939A
VIN
VOUT
10mH/22mH
L
1N5819
D1
Rfb
1W
2.2mF
C1
2.2mF
C2
3S13P
Fig.18 Application for Driving 3S13P WLEDs
1W
2.2mF
2.2mF
VIN
EN
GND
SW
OVP
FB
HT7939A
VIN
VOUT
10mH/22mH
L
1N5819
D1
Rfb
C1
C2
3S13P
PWM Signal
Fig.19 Application for Dimming Control Using A PWM Signal
VIN
EN
GND
SW
OVP
FB
HT7939A
VIN
VOUT
10mH/22mH
L
1N5819
D1
2.2mF
C1
2.2mF
C2
3S13P
Rfb
1W
10kW
150kW
0V~3.3V
Fig.20 Application for Dimming Control Using a DC Voltage
VIN
EN
GND
SW
OVP
FB
HT7939A
VIN
VOUT
10mH/22mH
L
1N5819
D1
2.2mF
C1
2.2mF
C2
3S13P
Rfb
1W
10kW
150kW
PWM Signal
0.1mF
Fig.21 Application for Dimming Control Using a Filtered PWM Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com