Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX24C64 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SLX24C64
Description  64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C64 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SLX24C64 Datasheet HTML 1Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 2Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 3Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 4Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 5Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 6Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 7Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 8Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
P-DIP-8-4
P-DSO-8-3
64 Kbit (8192
× 8bit)SerialCMOS
EEPROMs, I2C Synchronous 2-Wire Bus
SLx 24C64
Semiconductor Group
3
Preliminary 1998-07-27
Preliminary
Features
• Data EEPROM internally organized as
8192 bytes and 256 pages
× 32 bytes
• Page Protection Mode for protecting the EEPROM
against unintended data changes
(SLx 24C64.../P types only)
• Low power CMOS
•
V
CC = 2.7 to 5.5 V operation
• Two wire serial interface bus, I
2C-Bus compatible
• Three chip select pins to address 8 devices
• Filtered inputs for noise suppression with
Schmitt trigger
• Clock frequency up to 400 kHz
• High programming flexibility
– Internal programming voltage
– Self timed programming cycle including erase
– Byte-write and page-write programming, between
1 and 32 bytes
– Typical programming time 5 ms for up to 32 bytes
• High reliability
– Endurance 10
6 cycles1)
– Data retention 40 years
1)
– ESD protection 4000 V on all pins
• 8 pin DIP/DSO packages
• Available for extended temperature ranges
– Industrial:
− 40 °C to + 85 °C
– Automotive:
− 40 °C to + 125 °C
1)
Values are temperature dependent, for further information please refer to your Siemens sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com