Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP0031/2 Datasheet(PDF) 18 Page - Elektron Components Ltd.

Part # MP0031/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0031/2 Datasheet(HTML) 18 Page - Elektron Components Ltd.

Back Button MP0031/2 Datasheet HTML 14Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 15Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 16Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 17Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 18Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 19Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 20Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 21Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 22Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
www.elektron-bulgin.com
190
SWITCHES
MP0045/3D
MP0045/1D
Specification
MP0045/1D0NN000
MP0045/3D0NN000
Terminations:
Solder tags
Solder Tags
Switching:
D.P.C.O Momentary Action
D.P.C.O Momentary Action
Max. Rating:
3A, 250V
3A, 250V
Contact Resistance:
50m
Ω max. @ 1A, 2V
50m
Ω max. @ 1A, 2V
Insulation Resistance:
>103 M
Ω @ 500Vdc
>103 M
Ω @ 500Vdc
Dielectric Strength:
> 2.0kVac
> 2.0kVac
Operating Temp. Range:
–20˚C to +55˚C
–20˚C to +55˚C
Operations
Mechanical:
200,000 (min)
200,000 (min)
Electrical:
30,000 (min)
30,000 (min)
Rear Nut Fixing Torque:
12Nm max.
12Nm max.
Materials
Mouldings:
Nylon
Nylon
Tags/Terminations:
Brass, Silver Plated
Brass, Silver Plated
Switch Body & Button:
Stainless Steel
Stainless Steel
Contacts:
Silver
Silver
Variants:
Nickel Plated Brass version available
Nickel Plated Brass version available
details on request
details on request
Compliant
Compliant
18mm bezel diameter
16mm fixing hole diameter
D.P.C.O
3A, 250V
18mm bezel diameter
16mm fixing hole diameter
D.P.C.O
3A, 250V
Stainless Steel - Momentary
LOW PROFILE
PROMINENT BUTTON
RoHS
+
-
NC1
NC2
NO1
NO2
C1
C2
Contact Layout
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:16
Page 190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com