Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP0031/2 Datasheet(PDF) 19 Page - Elektron Components Ltd.

Part # MP0031/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0031/2 Datasheet(HTML) 19 Page - Elektron Components Ltd.

Back Button MP0031/2 Datasheet HTML 15Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 16Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 17Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 18Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 19Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 20Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 21Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 22Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 23Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
www.elektron-bulgin.com
191
MP0045/1E
MP0045/3E
Specification
MP0045/1E0NN000
MP0045/3E0NN000
Terminations:
Solder Tags
Solder Tags
Switching:
D.P.C.O. - Latching Action
D.P.C.O. - Latching Action
Max. Rating:
3A, 250V
3A, 250V
Contact Resistance:
50m
Ω max. @ 1A, 2V
50m
Ω max. @ 1A, 2V
Insulation Resistance:
>103 M
Ω @ 500Vdc
>103 M
Ω @ 500Vdc
Dielectric Strength:
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +55˚C
–20˚C to +55˚C
Operations
Mechanical:
200,000 (min)
200,000 (min)
Electrical:
30,000 (min)
30,000 (min)
Rear Nut Fixing Torque:
12Nm max.
12Nm max.
Materials
Mouldings:
Nylon
Nylon
Tags/Terminations:
Brass, Tin Plated
Brass, Tin Plated
Switch Body & Button:
Stainless Steel (Polished)
Stainless Steel (Polished)
Contacts:
Silver
Silver
Variants:
Nickel Plated Brass version
Nickel Plated Brass version
details on request
details on request
Compliant
Compliant
18mm bezel diameter
16mm fixing hole diameter
D.P.C.O.
3A, 250Vac
18mm bezel diameter
16mm fixing hole diameter
D.P.C.O.
3A, 250Vac
Stainless Steel - Latching
LOW PROFILE
PROMINENT BUTTON
RoHS
+
-
NC1
NC2
NO1
NO2
C1
C2
Contact Layout
SWITCHES
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:16
Page 191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com