Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP0034/2 Datasheet(PDF) 17 Page - Elektron Components Ltd.

Part # MP0034/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0034/2 Datasheet(HTML) 17 Page - Elektron Components Ltd.

Back Button MP0034/2 Datasheet HTML 13Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 14Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 15Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 16Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 17Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 18Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 19Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 20Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 21Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
www.elektron-bulgin.com
189
MP0042/1
MP0042/2
MP0042/3
Specification
MP0042/1
MP0042/2
MP0042/3
Terminations:
Screw Terminals
Screw Terminals
Screw Terminals
Switching:
S.P. Push to Make
S.P. Push to Make
S.P. Push to Make
Max. Rating:
2A, 48Vdc
2A, 48Vdc
2A, 48Vdc
Contact Resistance:
50m
Ω at 1A, 2V
50m
Ω at 1A, 2V
50m
Ω at 1A, 2V
Insulation Resistance:
>103 M
Ω @ 500Vdc
>103 M
Ω @ 500Vdc
>103 M
Ω @ 500Vdc
Dielectric Strength:
>2.0kVac
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +55˚C
–20˚C to +55˚C
–20˚C to +55˚C
Operations
Mechanical:
1,000,000 (min)
1,000,000 (min)
1,000,000 (min)
Electrical:
100,000 (min)
100,000 (min)
100,000 (min)
Rear Nut Fixing Torque:
12Nm
12Nm
12Nm
Materials
Mouldings:
Nylon
Nylon
Nylon
Tags/Terminations:
Brass, Silver Plated
Brass, Silver Plated
Brass, Silver Plated
Switch Body & Button:
Stainless Steel (Polished)
Stainless Steel (Polished)
Stainless Steel (Polished)
Contacts:
Silver
Silver
Silver
Variants:
Gold Plated Brass version available
Gold Plated Brass version available
Gold Plated Brass version available
Compliant
Compliant
Compliant
18mm bezel diameter
16mm panel hole
S.P. Push to make
Polished finish
2A, 48Vdc
18mm bezel diameter
16mm panel hole
S.P. Push to make
Polished finish
2A, 48Vdc
18mm bezel diameter
16mm panel hole
S.P. Push to make
Polished finish
2A, 48Vdc
Stainless Steel - Momentary
FLUSH PROFILE
DOMED PROFILE
PROMINENT BUTTON
RoHS
SWITCHES
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:16
Page 189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com