Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP0034/2 Datasheet(PDF) 22 Page - Elektron Components Ltd.

Part # MP0034/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0034/2 Datasheet(HTML) 22 Page - Elektron Components Ltd.

Back Button MP0034/2 Datasheet HTML 16Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 17Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 18Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 19Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 20Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 21Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 22Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 23Page - Elektron Components Ltd. MP0034/2 Datasheet HTML 24Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
www.elektron-bulgin.com
194
SWITCHES
MP0012/Col
MP0012/1/Col
MP0016
22mm diameter
Prominent Button
S.P. Push to Make
Screw Terminals
Brass, Chrome Plated Body,
Glass Filled Nylon Button
22mm diameter
Recessed Button
S.P. Push to Make
Screw Terminals
Brass, Chrome Plated Body,
Glass Filled Nylon Button
S.P. Push to Make
Solder Tags
1A, 28Vac/dc
Brass Nickel Plated Body,
Glass Filled Nylon Button
Specification
MP0012/Colour
MP0012/1/Colour
MP0016/Colour
Terminations:
Screw Terminals
Screw Terminals
Solder Tags
Switching:
S.P. Push to Make
S.P. Push to Make
S.P. Push to Make
Slow Momentary Action
Slow Momentary Action
Slow Momentary Action
Max. Rating:
0.25A. 250Vac, 1A. 110Vac,
0.25A. 250Vac, 1A. 110Vac,
1A 28Vac/dc (non-inductive)
2A. 12Vac/dc
2A. 12Vac/dc
Contact Resistance:
<15m
Ω
<15m
Ω
<15m
Ω
Insulation Resistance:
>104 M
Ω
>104 M
Ω.
>104 M
Ω
Dielectric Strength:
>2.5kVac
>2.5kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +85˚C
–20˚C to +85˚C
–20˚C to +85˚C
Operatiing Pressure (typ):
936gms (33ozs)
936gms (33ozs)
634gms (22ozs)
Materials:
Moulding:
Glass Filled Nylon
Glass Filled Nylon
Glass Filled Nylon
Body:
Brass, Chrome Plated
Brass, Chrome Plated
Brass, Chrome Plated
Contacts/Terms:
Brass, Silver Plated
Brass, Silver Plated
Brass, Silver Plated
Variants:
Button Colour: Standard - Black,
Button Colour: Standard - Black,
Button Colour: Standard - Black,
/RD (Red)
/RD (Red)
/RD (Red)
Compliant
Compliant
Compliant
Push Button
FRONT PANEL MOUNTING
FRONT PANEL MOUNTING
REAR PANEL MOUNTING
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:16
Page 194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com