Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0410/02P/3540 Datasheet(PDF) 5 Page - Elektron Components Ltd.

Part # PX0410/02P/3540
Description  400 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0410/02P/3540 Datasheet(HTML) 5 Page - Elektron Components Ltd.

  PX0410/02P/3540 Datasheet HTML 1Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 2Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 3Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 4Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 5Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.elektron-bulgin.com
43
BUCCANEER FOR POWER
Electrical:
Poles:
2, 3
4, 6, 8
10, 12
Current Rating:
8A
5A
1A
Voltage Rating:
250Vac/dc
125Vac/dc
50Vac/dc
Contact Resistance:
<5m
Ω
Insulation Resistance:
>106M
Ω (@ 500V d.c.)
AC Breakdown Voltage:
2.5kV
Operating Temperature:
Flex and panel types
–40°C to +80°C
Overmoulded
–20ºC to +85ºC
Approvals:
UL:
E214972
CSA:
1273303
VDE:
40002226
CCC:
Pending
Overmoulded cable assemblies approvals to
customer requirements.
Mechanical:
Sealing:
IP68, EN 60529 tested @ 1.054kg/sq cm
(15lb/sq in) 10m depth for 2 weeks
Cable Acceptance:
3.0 - 7.0mm
Contact Accommodation:
2, 3 pole, 20 - 24 AWG
4, 6, 8 pole, 22 - 26 AWG
10, 12 pole, 24 - 28 AWG
Termination:
Crimp, solder and PCB
Insertion/Withdrawal Force:
No. poles:
23
4
6
8
10
12
Insertion Force (typ):
19N 25N 27N 27N 28N 55N 62N
Withdrawal Force (typ):
12N 17N 17N 21N 22N 25N 29N
Tightening Torques:
Panel mount (PX0412)
Rear fixing nut:
1.0-1.1Nm (9lbf.in.)
Panel mount (PX0413)
Front fixing nut:
1.0-1.1Nm (9lbf.in.)
Cable Retention force:
3mm dia
60N
4.7mm dia
80N
Rear panel thread PX0412:
M16x1.5
Panel thread PX0413:
18.97x26TPI Whitworth form to BS84 med fit
Material:
Flex and panel types:
Body Mouldings:
Polyamide
Flammability Rating:
UL94V-0
UV Resistance:
To EN 50021:1999
Overmoulded types:
Body Mouldings:
Polyurethane
Flammability Rating:
UL94V-HB
Contacts:
Copper alloy, Gold plated
O Rings:
Nitrile
Panel Sealing O Ring:
Nitrile
Compliant
SPECIFICATION
Dimensions:
Overall dimensions of connectors when mated together
Flex + Flex In-Line
80mm
Dia. over coupling ring
19.1mm
400 Series Buccaneer
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:34
Page 43



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com