Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0410/02P/3540 Datasheet(PDF) 6 Page - Elektron Components Ltd.

Part # PX0410/02P/3540
Description  400 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0410/02P/3540 Datasheet(HTML) 6 Page - Elektron Components Ltd.

  PX0410/02P/3540 Datasheet HTML 1Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 2Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 3Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 4Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 5Page - Elektron Components Ltd. PX0410/02P/3540 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.elektron-bulgin.com
44
BUCCANEER FOR POWER
44
44
P X 0 4 x x / x x x / x x x x
PART NO. SYSTEM
3035 = 3.0 - 3.5mm
(Light Grey)
3540 = 3.5 - 4.0mm
(Grey)
4045 = 4.0 - 4.5mm
(Green)
4550 = 4.5 - 5.0mm
(Red)
5055 = 5.0 - 5.5mm
(Yellow)
5560 = 5.5 - 6.0mm
(Blue)
6065 = 6.0 - 6.5mm
(White)
6570 = 6.5 - 7.0mm
(Black)
Examples:
PX0410/10S/4045 = Flex cable connector, 10 socket contacts with gland and
collet for cables between 4.0 and 4.5mm diameter (supplied less contacts).
PX0412/08P = Front panel mounting connector, 8 pin contacts (supplied less
contacts.)
PX0413/06P = Rear panel mounting connector, for 6 pin contacts (supplied less
contacts).
PX0413/04P/PC = Rear panel/PCB connector, 4 pin contacts, PCB mounting
(supplied with contacts loaded).
Cable gland and collet supplied in colour coded pairs.
Body Styles
PX0410 = Flex body
PX0411 = Flex in-line body
PX0412 = Front panel mounting body
PX0413 = Rear panel/PCB mounting body
Number Contacts
02 = 2 pole, 03 = 3 pole, 04 = 4 pole, 06 = 6 pole
08 = 8 pole, 10 = 10 pole, 12 = 12 pole
Contact Type
P = Pin, S = Socket
For PX0410 and PX0411 cable connectors - Cable Entry Size:
For PX0413 PCB/Rear Panel Mount:
PC = Pre-loaded PC pins
Blank = no pins supplied
For PX0412 Front Panel Mount:
Suffix not required - leave blank
400 Series Buccaneer
ORDERING INFORMATION
Determine body style, i.e. PX0410 =flex body,
PX0411 =flex in-line body.
Determine number of contacts & type, i.e. 02 = 2
way, P = pin contacts.
Determine cable range, i.e. 3035 = 3.0 to 3.5mm
cable accommodation, not required for PX0412 or
PX0413 (panel connectors).
Choose appropriate contacts pack, i.e. SA3350 =
pin contacts suitable
for 2 & 3 way connectors, supplied in pack quantities
of 10. Not needed for PX0413/PC as pre-loaded.
Is a sealing cap required?
Is an insertion tool required?
Is a crimp tool required?
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:34
Page 44



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com