Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2913 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT4363
14
4363fa
(SOA), an intrinsic property of the MOSFET. SOA quanti-
fies the time required at any given condition of VDS and
ID to raise the junction temperature of the MOSFET to its
rated maximum. MOSFET SOA is expressed in units of
watt-squared-seconds(P2t).Thisfigureisessentiallycon-
stant for intervals of less than 100ms for any given device
type, and rises to infinity under DC operating conditions.
Destruction mechanisms other than bulk die temperature
distort the lines of an accurately drawn SOA graph so that
P2t is not the same for all combinations of ID and VDS.
In particular P2t tends to degrade as VDS approaches the
maximum rating, rendering some devices useless for
absorbing energy above a certain voltage.
When a fast input voltage step occurs, the current through
thepasstransistortosupplytheloadandchargeuptheout-
put capacitor can be high enough to trigger an overcurrent
event. The gate pulls low to 1V above the OUT pin, turning
off the MOSFET momentarily. The internal charge pump
will then start to pull the GATE pin high and turn on the
MOSFET to support the load current and charge up the
OUT pin. The fault timer may not start yet because the
current level is below the overcurrent limit threshold and
the output voltage has not reached the servo voltage. This
extra stress needs to be included in calculating the overall
stress level of the MOSFET.
Calculating Transient Stress
To select a MOSFET suitable for any given application, the
SOA stress must be calculated for each input transient
whichshallnotinterruptoperation.Itisthenasimplematter
to choose a device which has adequate SOA to survive the
maximumcalculatedstress.P2tforaprototypicaltransient
waveform is calculated as follows (Figure 4):
Let
a = VREG – VIN
b = VPK – VIN
(VIN = Nominal Input Voltage)
Then
P2t = ILOAD2 •
1
3
tr
b– a
(
)3
b
+
1
2
τ 2a2 ln
b
a
+3a2 +b2 − 4ab


Typically VREG ≈ VIN and τ » tr simplifying the above to
P2t
=
1
2
ILOAD2 VPK – VREG
(
)2τ [W2s]
For the transient conditions of VPK = 80V, VIN = 12V,
VREG = 16V, tr = 10µs and τ = 1ms, and a load current
of 3A, P2t is 18.4W2s – easily handled by a MOSFET in
a DPAK package. The P2t of other transient waveshapes
is evaluated by integrating the square of MOSFET power
over time. LTSpice can be used to simulate timer behavior
for more complex transients and cases where overvoltage
and overcurrent faults coexist.
Calculating Short-Circuit Stress
SOA stress must also be calculated for short-circuit condi-
tions. Short-circuit P2t is given by:
P2t
= ΔVDS •
ΔVSNS
RSNS


2
• tTMR [W
2s]
Where ∆VDS is the voltage across the MOSFET, and ∆VSNS
is the SNS pin threshold, and tTMR is the overcurrent timer
interval.
For VIN = 15V, ∆VDS = 13V (VOUT = 2V), ∆VSNS = 50mV,
RSNS = 12mΩ and CTMR = 100nF, P2t is 6.3W2s – less
than the transient SOA calculated in the previous example.
Nevertheless, to account for circuit tolerances this figure
should be doubled to 12.6W2s.
APPLICATIONS INFORMATION
Figure 4. Safe Operating Area Required to Survive Prototypical
Transient Waveform
VPK
τ
VIN
4363 F04
VREG
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com