Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2913 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology LTC2913 Datasheet HTML 20Page - Linear Technology LTC2913 Datasheet HTML 21Page - Linear Technology LTC2913 Datasheet HTML 22Page - Linear Technology LTC2913 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT4363
19
4363fa
TYPICAL APPLICATIONS
2.5A, 48V Hot Swap with Overvoltage Output Regulation at 72V
CTMR
0.1µF
RSNS
15m
Q1
FDB3632
VIN
VOUT
48V, 2.5A
4363 TA03
LT4363DE-2
GND TMR
9
12
OUT
2
SNS
3
FB
1
D1*
SMAT70A
R2
4.02k
R1
221k
R7
1k
GATE
4
R3
10
SHDN
6
UV
*DIODES INC.
UV = 35V
OV = 80V
8
VCC
5
OV
7
FLT
ENOUT
10
11
CL
300µF
R5
13k
R6
10k
R4
604k
C1
47nF
2.5A, 28V Hot Swap with Overvoltage Output Regulation at 36V
CTMR
0.1µF
RSNS
15m
Q1
IRLR2908
VIN
28V
VOUT
28V, 2.5A
4363 TA04
LT4363DE-2
GND TMR
9
12
OUT
2
SNS
3
FB
1
D1*
SMAJ58A
R2
4.02k
R1
110k
R7
1k
GATE
4
R3
10
SHDN
6
UV
*DIODES INC.
UV = 18V
OV = 36V
8
VCC
5
OV
7
FLT
ENOUT
10
11
CL
300µF
R5
10k
R6
10k
R4
261k
C1
47nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com