Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2901 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2901
Description  36V Nano-Current Two Input Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901 Datasheet(HTML) 1 Page - Linear Technology

  LTC2901 Datasheet HTML 1Page - Linear Technology LTC2901 Datasheet HTML 2Page - Linear Technology LTC2901 Datasheet HTML 3Page - Linear Technology LTC2901 Datasheet HTML 4Page - Linear Technology LTC2901 Datasheet HTML 5Page - Linear Technology LTC2901 Datasheet HTML 6Page - Linear Technology LTC2901 Datasheet HTML 7Page - Linear Technology LTC2901 Datasheet HTML 8Page - Linear Technology LTC2901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2960
1
2960f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
36V Nano-Current
Two Input Voltage Monitor
The LTC®2960 is a nano-current, high voltage two input
voltage monitor, ideally suited for multicell battery ap-
plications. External resistive dividers configure custom
comparator thresholds. The supervisory circuit monitors
the ADJ input and pulls the RST output low when the input
drops below threshold. A reset timeout period delays the
return of the RST output to a high state when the input
rises above the threshold. The spare comparator allows
voltage conditions to be detected with either a non-inverting
input, IN+(LTC2960-1/LTC2960-3) or an inverting input,
IN– (LTC2960-2/LTC2960-4). A manual reset (MR) input
is provided for external activation of the reset output.
Other options provided on the LTC2960-1/LTC2960-2 in-
clude a reset timeout period select pin, RT, to select between
15ms or 200ms reset timeout periods. The LTC2960-3/
LTC2960-4 have a fixed 200ms reset timeout period. The
RST and OUT outputs are available with active pull-up cir-
cuits to an output logic supply pin (LTC2960-3/LTC2960-4)
or 36V open-drain outputs (LTC2960-1/LTC2960-2).
Battery and Regulator Monitor
Supply Current vs Supply Voltage
APPLICATIONS
n 850nA Quiescent Current
n Operating Range: 2.5V < VCC < 36V
n 1.5% (Max) Accuracy Over Temperature
n Adjustable Reset Threshold
n Wide Temperature Range (–40°C to 125°C)
n Adjustable IN+/IN– Threshold
n Manual Reset Input
n Compact 2mm × 2mm 8-lead DFN and
TSOT-23 (ThinSOT™) Packages
n Portable Equipment
n Battery Powered Equipment
n Security Systems
n Automotive Systems
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
LTC2960 Option Table
Option
Inputs
Reset Timeout Period
Output Type
LTC2960-1
ADJ/IN+
15ms/200ms
36V Open-Drain
LTC2960-2
ADJ/IN–
15ms/200ms
36V Open-Drain
LTC2960-3
ADJ/IN+
200ms
Active Pull-up
LTC2960-4
ADJ/IN–
200ms
Active Pull-up
+
VCC
IN+
DVCC
GND
RST
OUT
ADJ
MR
LTC2960-3
LTC3632
DC/DC
GND
Li-Ion
4.2V
+
Li-Ion
4.2V
C1
0.1μF
50V
C2
1μF
R2
6.04M
R1
402k
6V < VIN < 8.4V
R4
1.3M
R3
402k
VOUT
1.8V
RESET
LOW BATTERY
POWER-FAIL FALLING THRESHOLD = 6.410V
RESET FALLING THRESHOLD = 1.693V
2960 TA01
VCC (V)
0
0
900
600
300
1200
40
32
816
2960 TA01a
24
MR=5V, 27C


Similar Part No. - LTC2901

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2901 LINER-LTC2901 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2901 LINER-LTC2901 Datasheet
153Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2901 LINER-LTC2901 Datasheet
197Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
More results

Similar Description - LTC2901

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2960 LINER-LTC2960_15 Datasheet
316Kb / 18P
36V Nano-Current Two-Input Voltage Monitor
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
5 to 36V input voltage range
logo
Torex Semiconductor
XC6702 TOREX-XC6702 Datasheet
1Mb / 31P
36V input, 300mA low supply current, high speed voltage regulators
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
36V to 75V Input Voltage Range
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
Input Voltage Max. 36V
April 1, 2012
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
Input Voltage Max. 36V
April 1, 2012
logo
List of Unclassifed Man...
1620A ETC2-1620A Datasheet
565Kb / 1P
Continuously monitor voltage and current output on two analog meters
logo
STMicroelectronics
L99MD02 STMICROELECTRONICS-L99MD02 Datasheet
585Kb / 46P
Two current monitor outputs
19-Sep-2013
logo
Torex Semiconductor
XD6702 TOREX-XD6702 Datasheet
1Mb / 27P
36V input, 300mA low supply current, high speed voltage regulators
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
36V INPUT VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com