Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2901 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2901
Description  36V Nano-Current Two Input Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2901 Datasheet HTML 2Page - Linear Technology LTC2901 Datasheet HTML 3Page - Linear Technology LTC2901 Datasheet HTML 4Page - Linear Technology LTC2901 Datasheet HTML 5Page - Linear Technology LTC2901 Datasheet HTML 6Page - Linear Technology LTC2901 Datasheet HTML 7Page - Linear Technology LTC2901 Datasheet HTML 8Page - Linear Technology LTC2901 Datasheet HTML 9Page - Linear Technology LTC2901 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2960
6
2960f
PIN FUNCTIONS
ADJ: Reset Threshold Adjustment Input. Tie to resistive
divider to configure desired reset threshold.
DVCC: (LTC2960-3/LTC2960-4) Logic Supply Input. Used
for setting the logic swing of the RST and OUT outputs.
Useful for interfacing with logic voltages different from
VCC. Bypass DVCC with 0.1μF to GND. Grounding DVCC
allows OUT and RST to act as open drain outputs.
Exposed Pad (DFN Only): Exposed pad may be left floating
or connected to device ground.
GND: Device ground.
IN–:
(LTC2960-2/LTC2960-4) IN– Threshold Adjustment
Input. Tie to resistive divider to configure required thresh-
old. Tie to GND if unused.
IN+:
(LTC2960-1/LTC2960-3) IN+ Threshold Adjustment
Input. Tie to resistive divider to configure required thresh-
old. Tie to GND if unused.
MR: Manual Reset Input. Attach a push-button switch or
logic signal between this input and ground. A logic low
on this input pulls RST low. When the MR input returns to
logic high, RST returns high after a reset timeout period
has expired. Leave open if unused.
OUT: (LTC2960-1/LTC2960-3) Pulls low when monitored
voltage falls below the IN+ threshold. Released when
the IN+ voltage rises above its threshold by 5%. For the
LTC2960-3, OUT is driven by DVCC when logic high. OUT
is open drain if DVCC is grounded. Leave open if unused.
(LTC2960-2/LTC2960-4) OUT pulls low when the monitored
voltage rises above the IN– threshold. Released when
monitored voltage falls below IN– threshold by 5%. For the
LTC2960-4, OUT is driven to DVCC for a logic high. OUT
is open drain if DVCC is grounded. Leave open if unused.
RST: Reset Output. Pulls low when monitored voltage falls
below the reset (ADJ) threshold. RST is released after
monitored voltage exceeds the reset threshold plus 2.5%
hysteresis and after reset timeout period has expired. For
the LTC2960-3/LTC2960-4, RST is driven to DVCC for a
logic high. RST is open drain if DVCC is grounded. Leave
open if unused.
RT: (LTC2960-1/LTC2960-2) Reset Timeout Period Se-
lection Input. Tie to GND for 15ms delay. Tie to VCC for
200ms delay.
VCC: Power Supply Input. When VCC falls below the falling
UVLO threshold, the outputs are pulled low. If VCC falls
below 1.2V the logic state of the outputs cannot be guar-
anteed. Bypass VCC with 0.1μF to GND. Use appropriate
voltage rating for bypass capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com