Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3261 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3261
Description  High Voltage, Low Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3261 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3261 Datasheet HTML 4Page - Linear Technology LTC3261 Datasheet HTML 5Page - Linear Technology LTC3261 Datasheet HTML 6Page - Linear Technology LTC3261 Datasheet HTML 7Page - Linear Technology LTC3261 Datasheet HTML 8Page - Linear Technology LTC3261 Datasheet HTML 9Page - Linear Technology LTC3261 Datasheet HTML 10Page - Linear Technology LTC3261 Datasheet HTML 11Page - Linear Technology LTC3261 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC3261
11
3261f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
MSOP (MSE12) 0911 REV F
0.53
± 0.152
(.021
± .006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.86
(.034)
REF
0.650
(.0256)
BSC
12
12 11 10 9 8 7
7
DETAIL “B”
1
6
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
6. EXPOSED PAD DIMENSION DOES INCLUDE MOLD FLASH. MOLD FLASH ON E-PAD SHALL
NOT EXCEED 0.254mm (.010") PER SIDE.
0.254
(.010)
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
RECOMMENDED SOLDER PAD LAYOUT
BOTTOM VIEW OF
EXPOSED PAD OPTION
2.845
± 0.102
(.112
± .004)
2.845
± 0.102
(.112
± .004)
4.039
± 0.102
(.159
± .004)
(NOTE 3)
1.651
± 0.102
(.065
± .004)
1.651
± 0.102
(.065
± .004)
0.1016
± 0.0508
(.004
± .002)
12 3 4 5 6
3.00
± 0.102
(.118
± .004)
(NOTE 4)
0.406
± 0.076
(.016
± .003)
REF
4.90
± 0.152
(.193
± .006)
DETAIL “B”
CORNER TAIL IS PART OF
THE LEADFRAME FEATURE.
FOR REFERENCE ONLY
NO MEASUREMENT PURPOSE
0.12 REF
0.35
REF
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
± 0.127
(.035
± .005)
0.42
± 0.038
(.0165
± .0015)
TYP
0.65
(.0256)
BSC
MSE Package
12-Lead Plastic MSOP, Exposed Die Pad
(Reference LTC DWG # 05-08-1666 Rev F)
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com