Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3261 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3261
Description  High Voltage, Low Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3261 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3261 Datasheet HTML 4Page - Linear Technology LTC3261 Datasheet HTML 5Page - Linear Technology LTC3261 Datasheet HTML 6Page - Linear Technology LTC3261 Datasheet HTML 7Page - Linear Technology LTC3261 Datasheet HTML 8Page - Linear Technology LTC3261 Datasheet HTML 9Page - Linear Technology LTC3261 Datasheet HTML 10Page - Linear Technology LTC3261 Datasheet HTML 11Page - Linear Technology LTC3261 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC3261
12
3261f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 0412 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
24V to –24V Inverter
C3
10μF
C1
10μF
–24V
3261 TA03
VOUT
9
85
10
11
13
2
4
24V
LTC3261
GND
VIN
MODE
C–
RT
EN
C+
C2
1μF
PART NUMBER
DESCRIPTION
COMMENTS
LTC1144
Switched-Capacitor Wide Input Range Voltage Converter with
Shutdown
Wide Input Voltage Range: 2V to 18V, ISD < 8μA,
SO8 Package
LTC1514/LTC1515
Step-Up/Step-Down Switched-Capacitor DC/DC Converters
VIN: 2V to 10V, VOUT: 3.3V to 5V, IQ = 60μA, SO8 Package
LT
®1611
150mA Output, 1.4MHz Micropower Inverting Switching Regulator VIN: 0.9V to 10V, VOUT = ±34V, ThinSOT™ Package
LT1614
250mA Output, 600kHz Micropower Inverting Switching Regulator VIN: 0.9V to 6V, VOUT = ±30V, IQ = 1mA, MS8, SO8 Packages
LTC1911
250mA, 1.5MHz Inductorless Step-Down DC/DC Converter
VIN: 2.7V to 5.5V, VOUT = 1.5V/1.8V, IQ = 180μA,
MS8 Package
LTC3250/LTC3250-1.2/
LTC3250-1.5
Inductorless Step-Down DC/DC Converters
VIN: 3.1V to 5.5V, VOUT = 1.2V, 1.5V, IQ = 35μA,
ThinSOT Package
LTC3251
500mA Spread Spectrum Inductorless Step-Down DC/DC
Converter
VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V, 1.2V, 1.5V, IQ = 9μA,
MS10E Package
LTC3252
Dual 250mA, Spread Spectrum Inductorless Step-Down DC/DC
Converter
VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V, IQ = 50μA,
DFN12 Package
LT1054/LT1054L
Switched-Capacitor Voltage Converters with Regulator
VIN: 3.5V to 15V/7V, IOUT = 100mA/125mA, N8, S08,
SO16 Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com