Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3101 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 30Page - Linear Technology LTC3101 Datasheet HTML 31Page - Linear Technology LTC3101 Datasheet HTML 32Page - Linear Technology LTC3101 Datasheet HTML 33Page - Linear Technology LTC3101 Datasheet HTML 34Page - Linear Technology LTC3101 Datasheet HTML 35Page - Linear Technology LTC3101 Datasheet HTML 36Page - Linear Technology LTC3101 Datasheet HTML 37Page - Linear Technology LTC3101 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
34
3589fe
OPERATION
Figure 16. IRQ and IRQSTAT Status Register Warning Timing
IRQ
IRQSTAT
CLIRQ
3589 F16
TSD OR UV
WARNING
If any enabled regulator output falls more than 7% low
for longer than 25μs PGOOD is pulled LOW and a cor-
responding status bit in the PGSTAT register is set to 0.
The PGOOD pin and PGSTAT status bit remain LOW for
as long as the low voltage condition persists plus 250μs.
An extended low output rail causing the PGOOD pin to
be LOW for longer than 14ms defines a PGOOD timeout
fault condition that triggers a hard reset if not masked in
I2C register bit SCR2[7]. When SCR2[7] is HIGH, PGOOD
remains in normal operation.
During a dynamic voltage slew, PGOOD is pulled LOW
unless bit 5 in the dynamic target voltage register for
each regulator is set HIGH. The status register PGSTAT
is unaffected by a dynamic voltage slew.
Undervoltage Detection
The LTC3589 undervoltage (UV) detection circuit will out-
put a fault condition, locking out regulator operation, until
VIN reaches 2.7V. Once VIN is above 2.7V the LTC3589 will
operate normally until VIN drops to 2.55V (typical). When
VIN drops below 2.55V, the fault condition initiates a hard
shutdown reset. Figure 15 shows undervoltage warning
and fault detection levels.
Thermal Shutdown Fault and Warning
Similar to the VIN undervoltage detection circuits the over-
temperature detection circuits check for warning and fault
levels. An overtemperature fault will initiate a fault induced
shutdown. An overtemperature warning sets register bit
IRQSTAT[6] and pulls the IRQ pin LOW.
IRQ Pin and IRQSTAT Status Register Function
The IRQ pin and IRQSTAT status register report PGOOD
timeout fault, VIN undervoltage warning and fault, and
high temperature warning and fault. Table 16 shows the
meaning of the IRQSTAT read-only status register bits.
Table 16. IRQSTAT Read-Only Register Bit Definitions
IRQSTAT[BIT]
VALUE
SETTING
31
PGOOD Timeout Fault (PGOOD Low >
14ms)
41
VIN Undervoltage Warning (VIN < 2.9V)
51
VIN Undervoltage Fault (VIN < 2.6V)
61
Thermal Limit Warning (TJ > 130°C)
71
Thermal Limit Fault (TJ > 150°C)
Figure 16 shows the timing of the IRQ and IRQSTAT status
register following a warning (VIN<2.9Vorhightemperature
warning) event. When a warning occurs, IRQ is latched
LOW and bit IRQSTAT[4] or IRQSTAT[5] is set. IRQ remains
low and the IRQSTAT status bits remain active until the
I2C CLIRQ command is given and the warning condition
has passed.
Figure 15. UV Detection Hard Reset and Warning Levels
VIN
UNDERVOLTAGE
VIN
FAULT
WARNING
3589 F15
2.55V
2.65V
2.9V
3V
An undervoltage warning sets register bit IRQSTAT[4] and
pulls the IRQ pin LOW.
To minimize standby quiescent current the UVLO and
thermal sensor circuits are disabled when all the regula-
tors are off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com