Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3101 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 32Page - Linear Technology LTC3101 Datasheet HTML 33Page - Linear Technology LTC3101 Datasheet HTML 34Page - Linear Technology LTC3101 Datasheet HTML 35Page - Linear Technology LTC3101 Datasheet HTML 36Page - Linear Technology LTC3101 Datasheet HTML 37Page - Linear Technology LTC3101 Datasheet HTML 38Page - Linear Technology LTC3101 Datasheet HTML 39Page - Linear Technology LTC3101 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
36
3589fe
I2C OPERATION
I2C Interface
The LTC3589 communicates with a bus master using the
standard I2C 2-wire interface. The two bus lines, SDA and
SCL, must be HIGH when the bus is not in use. External
pull-up resistors or current sources, such as the LTC1694
SMBus accelerator, are required on these lines. The
LTC3589 is both a slave receiver and slave transmitter. The
I2C control signals, SDA and SCL are scaled internally to
the DVDD supply. DVDD should be connected to the same
power supply as the bus pull-up resistors.
The I2C port has an undervoltage lockout on the DVDD
pin. When DVDD is below approximately 1V, the I2C serial
port is reset to power-on states and registers are set to
default values.
I2C Bus Speed
The I2C port operates at speeds up to 400kHz. It has
built-in timing delays to ensure correct operation when
addressed from an I2C compliant master device. It also
contains input filters designed to suppress glitches should
the bus become corrupted.
I2C START and STOP Conditions
A bus master signals the beginning of communications
by transmitting a START condition. A START condition is
generated by transitioning SDA from HIGH to LOW while
SCL is HIGH. The master may transmit either the slave
write or the slave read address. Once data is written to the
LTC3589, the master may transmit a STOP condition that
commands the LTC3589 to act upon its new command
set. A STOP condition is sent by the master by transition-
ing SDA from LOW to HIGH while SCL is HIGH. The bus
it then free for communication with another I2C device.
I2C Byte Format
Each byte sent to or received from the LTC3589 must
be 8 bits long followed by an extra clock cycle for the
acknowledge bit. The data should be sent to the LTC3589
most significant bit (MSB) first.
I2C Acknowledge
The acknowledge signal is used for handshaking between
the master and the slave. When the LTC3589 is written to,
it acknowledges its write address and subsequent register
address and data bytes. When reading from the LTC3589,
it acknowledges its read address and 8-bit status byte.
An acknowledge pulse (active LOW) generated by the
LTC3589 lets the master know that the latest byte of
information was transferred. The master generates the
clock cycle and releases the SDA line (HIGH) during the
acknowledge clock cycle. The LTC3589 pulls down the SDA
line during the write acknowledge clock pulse so that it is
a stable LOW during the HIGH period of this clock pulse.
I2C Slave Address
The LTC3589 responds to factory programmed read and
write addresses. The write address is 0x68. The read ad-
dress is 0x69. The least significant bit of the address byte,
known as the read/write bit, is 0 when writing data to the
LTC3589 and 1 when reading from it.
OPERATION
Figure 20. LTC3589 I2C Serial Port Read Pattern
ACK
ACK
ACK
ACK
START
STOP
1
0
23
11
ADDRESS
4
0
5678
000
9
1
23
45678
9
123
4
5678
011
0
1001
9
1
23
45678
9
1
01
1
0
10
0
WR
START
SDA
SCL
SUB ADDRESS
S7 S6
S3
S4
S5
S2
S1
S0
ADDRESS
01
1
0
10
0
RD
DATA
R7 R6
R3
R4
R5
R2 R1 R0
3589 F20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com