Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM9002
Description  16-Bit, 20Msps Low Power Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 3Page - Linear Technology LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
2188f
LTC2188
power requireMenTs The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Output Modes: Full Data Rate and Double Data Rate
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.1
1.8
1.9
V
IVDD
Analog Supply Current
DC Input
Sine Wave Input
l
42
43
50
mA
mA
IOVDD
Digital Supply Current
Sine Wave Input, OVDD = 1.2V
1.6
mA
PDISS
Power Dissipation
DC Input
Sine Wave Input, OVDD = 1.2V
l
75.6
79.3
90
mW
mW
LVDS Output Mode
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.7
1.8
1.9
V
IVDD
Analog Supply Current
Sine Input, 1.75mA Mode
Sine Input, 3.5mA Mode
l
45
47
54
mA
mA
IOVDD
Digital Supply Current
(0VDD = 1.8V)
Sine Input, 1.75mA Mode
Sine Input, 3.5mA Mode
l
38
74
83
mA
mA
PDISS
Power Dissipation
Sine Input, 1.75mA Mode
Sine Input, 3.5mA Mode
l
149
218
247
mW
mW
All Output Modes
PSLEEP
Sleep Mode Power
1
mW
PNAP
Nap Mode Power
10
mW
PDIFFCLK Power Increase with Differential Encode Mode Enabled
(No increase for Nap or Sleep Modes)
20
mW
TiMing characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 10)
l
1
20
MHz
tL
ENC Low Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
20
2
25
25
500
500
ns
ns
tH
ENC High Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
20
2
25
25
500
500
ns
ns
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Data Outputs (CMOS Modes: Full Data Rate and Double Data Rate)
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.1
1.7
3.1
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1
1.4
2.6
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0
0.3
0.6
ns
Pipeline Latency
Full Data Rate Mode
Double Data Rate Mode
6
6.5
Cycles
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com