Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM9002
Description  16-Bit, 20Msps Low Power Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 18Page - Linear Technology LTM9002 Datasheet HTML 19Page - Linear Technology LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology LTM9002 Datasheet HTML 23Page - Linear Technology LTM9002 Datasheet HTML 24Page - Linear Technology LTM9002 Datasheet HTML 25Page - Linear Technology LTM9002 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC2188
22
2188f
50Ω
100Ω
0.1µF
T1 = MA/COM ETC1-1-13
RESISTORS AND CAPACITORS
ARE 0402 PACKAGE SIZE
50Ω
LTC2188
2188 F12
ENC–
ENC+
0.1µF
0.1µF
T1
Figure 12. Sinusoidal Encode Drive
ENC+
ENC–
PECL OR
LVDS
CLOCK
0.1µF
0.1µF
2188 F13
LTC2188
Figure 13. PECL or LVDS Encode Drive
VDD
LTC2188
2188 F10
ENC–
ENC+
15k
VDD
DIFFERENTIAL
COMPARATOR
30k
Figure 10. Equivalent Encode Input Circuit
for Differential Encode Mode
30k
ENC+
ENC–
2188 F11
0V
1.8V TO 3.3V
LTC2188
CMOS LOGIC
BUFFER
Figure 11. Equivalent Encode Input Circuit
for Single-Ended Encode Mode
mode, ENC– should stay at least 200mV above ground to
avoid falsely triggering the single ended encode mode.
For good jitter performance ENC+ and ENC– should have
fast rise and fall times.
Thesingle-endedencodemodeshouldbeusedwithCMOS
encode inputs. To select this mode, ENC– is connected
to ground and ENC+ is driven with a square wave encode
input. ENC+ can be taken above VDD (up to 3.6V) so 1.8V
to3.3VCMOSlogiclevelscanbeused.TheENC+threshold
is 0.9V. For good jitter performance ENC+ should have fast
rise and fall times.
If the encode signal is turned off or drops below approxi-
mately 500kHz, the A/D enters nap mode.
Clock Duty Cycle Stabilizer
For good performance the encode signal should have a
50% (±10%) duty cycle. If the optional clock duty cycle
stabilizer circuit is enabled, the encode duty cycle can
vary from 10% to 90% and the duty cycle stabilizer will
maintain a constant 50% internal duty cycle. If the encode
signal changes frequency, the duty cycle stabilizer circuit
requires one hundred clock cycles to lock onto the input
clock. The duty cycle stabilizer is enabled by mode control
register A2 (serial programming mode), or by CS (parallel
programming mode).
Forapplicationswherethesamplerateneedstobechanged
quickly, the clock duty cycle stabilizer can be disabled. If
the duty cycle stabilizer is disabled, care should be taken
tomakethesamplingclockhavea50%(±10%)dutycycle.
The duty cycle stabilizer should not be used below 5Msps.
DIGITAL OUTPUTS
Digital Output Modes
The LTC2188 can operate in three digital output modes:
full rate CMOS, double data rate CMOS (to halve the
number of output lines), or double data rate LVDS (to
reduce digital noise in the system.) The output mode
is set by mode control register A3 (serial programming
mode), or by SCK (parallel programming mode). Note that
double data rate CMOS cannot be selected in the parallel
programming mode.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com