Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3418 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3418
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology LTC3418 Datasheet HTML 10Page - Linear Technology LTC3418 Datasheet HTML 11Page - Linear Technology LTC3418 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC3613
8
3613fa
PIN FUNCTIONS
PVIN (Pins 1-9, 53-56, 57 Exposed Pad): Power Supply
Inputs. These pins connect to the drain of the internal
power MOSFETS. The PVIN exposed pad must be soldered
to the circuit board for electrical contact and rated thermal
performance. The supply voltage can range from 4.5V to
24V. The voltage on this pin is also used to adjust the TG
on-time in order to maintain constant frequency operation.
SW (Pins 10, 35, 45-51, 58 Exposed Pad): Switch Node
Connection. The (–) terminal of the bootstrap capacitor,
CB, connects to this node. This pin swings from a diode
voltage below ground up to VIN. The SW exposed pad must
be soldered to the circuit board for electrical contact and
rated thermal performance.
BOOST (Pin 11): Boosted Driver Supply Connection. The
(+) terminal of the bootstrap capacitor, CB, as well as
the cathode of the Schottky diode, DB, connects to this
node. This node swings from INTVCC – VSCHOTTKY to VIN
+ INTVCC – VSCHOTTKY.
SGND (Pins 12, 16, 17, 19, 28, 29, 59 Exposed Pad):
Signal Ground Connection. The SGND exposed pad must
be soldered to the circuit board for electrical contact and
rated thermal performance. All small-signal components
should be connected to the signal ground. Connect signal
ground to power ground only at one point using a single
PCB trace.
PGOOD (Pin 13): Power Good Indicator Output. This
open-drain logic output is pulled to ground when the
output voltage is outside of a ±7.5% window around the
regulation point.
SENSE+ (Pin 14):
Differential Current Sensing (+) Input.
For RSENSE current sensing, Kelvin (4-wire) connect
SENSE+ and SENSE– pins across the sense resistor. For
DCR sensing, Kelvin connect SENSE+ and SENSE– pins
across the sense filter capacitor.
SENSE– (Pin 15):
Differential Current Sensing (–) Input.
For RSENSE current sensing, Kelvin (4-wire) connect the
SENSE+ and SENSE– pins across the sense resistor. For
DCR sensing, Kelvin connect the SENSE+ and SENSE– pins
across the sense filter capacitor.
VOUT (Pin 18): Output voltage sense for adjusting the
on-time for constant frequency operation. Tying this pin to
the local output (instead of the remote output) is recom-
mended for most applications. This pin can be programmed
as needed for achieving the steady-state on-time required
for constant frequency operation.
VOSNS– (Pin 20): Differential Output Sensing (–) Input.
Connect this pin to the negative terminal of the output
capacitor. There is a bias current of 35μA (typical) flowing
out of this pin.
VOSNS+ (Pin 21): Differential Output Sensing (+) Input.
Connect this pin to the feedback resistor divider between
the positive and negative output capacitor terminals. In
normal operation the LTC3613 will regulate the differen-
tial output voltage which is divided down to 0.6V by the
feedback resistor divider.
TRACK/SS (Pin 22): External Tracking and Soft-Start Input.
The LTC3613 regulates the differential feedback voltage
(VOSNS+ − VOSNS–) to the smaller of 0.6V or the voltage
on the TRACK/SS pin. An internal 1.0μA pull-up current
source is connected to this pin. A capacitor to ground at
this pin sets the ramp time to the final regulated output
voltage. Alternatively, another voltage supply connected
through a resistor divider to this pin allows the output to
track the other supply during start-up.
ITH (Pin 23): Current Control Voltage and Switching Regu-
lator Compensation Point. The current sense threshold
increases with this control voltage which ranges from
0V to 2.4V.
VRNG (Pin 24): Current Sense Voltage Range Input. The
maximum allowed sense voltage between SENSE+ and
SENSE– is equal to 0.05 • VRNG. If VRNG is tied to SGND,
the device operates with a maximum sense voltage of
30mV. If VRNG is tied to INTVCC, the device operates with
a maximum sense voltage of 50mV.
RT (Pin 25): Switching Frequency Programming Pin.
Connect an external resistor from RT to signal ground to
program the switching frequency between 200kHz and
1MHz. An external clock applied to MODE/PLLIN must
be within ±30% of this free-running frequency to ensure
frequency lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com