Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3418 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3418
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 12Page - Linear Technology LTC3418 Datasheet HTML 13Page - Linear Technology LTC3418 Datasheet HTML 14Page - Linear Technology LTC3418 Datasheet HTML 15Page - Linear Technology LTC3418 Datasheet HTML 16Page - Linear Technology LTC3418 Datasheet HTML 17Page - Linear Technology LTC3418 Datasheet HTML 18Page - Linear Technology LTC3418 Datasheet HTML 19Page - Linear Technology LTC3418 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
LTC3613
16
3613fa
APPLICATIONS INFORMATION
RSENSE Inductor Current Sensing
A typical RSENSE inductor current sensing scheme is
shown in Figure 3. RSENSE is chosen based on the required
maximum output current. Given the maximum current,
IOUT(MAX),maximumsensevoltage,VSENSE(MAX),setbythe
VRNG pin, and maximum inductor ripple current, ΔIL(MAX),
the value of RSENSE can be chosen as:
RSENSE=
VSENSE(MAX)
IOUT(MAX)–
ΔI
L(MAX)
2
Conversely, given RSENSE and IOUT(MAX), VSENSE(MAX)
and thus the VRNG voltage could be determined from the
above equation. To assure that the maximum rated output
current can be supplied for different operating conditions
and component variations, sufficient design margin should
be built into these calculations.
Because of possible PCB noise in the current sensing loop,
the current ripple of ΔVSENSE = ΔIL • RSENSE also needs
to be checked in the design to get a good signal-to-noise
ratio. In general, for a reasonably good PCB layout, a
10mV ΔVSENSE voltage is recommended as a conservative
number to start with, either for RSENSE or DCR sensing
applications.
For today’s highest current density solutions the value of
the sense resistor can be less than 1mΩ and the maxi-
mum sense voltage can be as low as 30mV. In addition,
inductor ripple currents greater than 50% with operation
up to 1MHz are becoming more common. Under these
conditions, the voltage drop across the sense resistor’s
parasitic inductance becomes more relevant. A small RC
filter placed near the IC has been traditionally used to re-
duce the effects of capacitive and inductive noise coupled
in the sense traces on the PCB. A typical filter consists of
two series 10Ω resistors connected to a parallel 1000pF
capacitor, resulting in a time constant of 20ns.
The filter components need to be placed close to the IC.
The positive and negative sense traces need to be routed
as a differential pair and Kelvin (4-wire) connected to the
sense resistor.
DCR Inductor Current Sensing
For applications requiring higher efficiency at high load
currents, the LTC3613 is capable of sensing the voltage
drop across the inductor DCR, as shown in Figure 4. The
DCR of the inductor represents the small amount of DC
winding resistance, which can be less than 1mΩ for to-
day’s low value, high current inductors. In a high current
application requiring such an inductor, conduction loss
through a sense resistor would cost several points of
efficiency compared to DCR sensing.
RF
R
ESL
RSENSE RESISTOR
AND
PARASITIC INDUCTANCE
FILTER COMPONENTS
PLACED NEAR SENSE PINS
RF
SENSE+
SW
LTC3613
SENSE–
CF
3613 F03
VOUT
Figure 3. RSENSE Current Sensing
R1
R2
(OPT)
DCR
L
INDUCTOR
L/DCR = (R1||R2) C1
C1 NEAR SENSE PINS
SENSE+
SW
LTC3613
SENSE–
C1
3613 F04
VOUT
COUT
Figure 4. DCR Current Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com