Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3850 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3850
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3850 Datasheet HTML 14Page - Linear Technology LTC3850 Datasheet HTML 15Page - Linear Technology LTC3850 Datasheet HTML 16Page - Linear Technology LTC3850 Datasheet HTML 17Page - Linear Technology LTC3850 Datasheet HTML 18Page - Linear Technology LTC3850 Datasheet HTML 19Page - Linear Technology LTC3850 Datasheet HTML 20Page - Linear Technology LTC3850 Datasheet HTML 21Page - Linear Technology LTC3850 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
LTC3838
18
3838fa
APPLICATIONS INFORMATION
Once the required output voltage and operating frequency
have been determined, external component selection is
driven by load requirement, and begins with the selec-
tion of inductors and current sense method (either sense
resistors RSENSE or inductor DCR sensing). Next, power
MOSFETs are selected. Finally, input and output capaci-
tors are selected.
Output Voltage Programming
As shown in Figure 1, external resistor dividers are used
from the regulated outputs to their respective ground refer-
ences to program the output voltages. On Channel 1, the
resistive divider is tapped by the VOUTSENSE1+ pin, and the
ground reference is remotely sensed by the VOUTSENSE1–
pin, this voltage is sensed differentially. On Channel 2, the
resistive divider is tapped by the VFB2 pin, with respect to
signal ground at the SGND pin. By regulating the tapped
(differential) feedback voltages to the internal reference
0.6V, the resulting output voltages are:
VOUT1 – VOUTSENSE1– = 0.6V • (1 + RFB2/RFB1)
and
VOUT2 = 0.6V • (1 + RFB2/RFB1)
For example, if VOUT1 is programmed to 5V and the out-
put ground reference is sitting at –0.5V with respect to
SGND, then the absolute value of the output will be 4.5V
with respect to SGND. The minimum (differential) output
voltages are limited to the internal reference 0.6V, and the
maximum are 5.5V.
The VOUTSENSE1+ pin is a high impedance pin with no
input bias current other than leakage in the nA range. The
VOUTSENSE1– pin has about 30μA of current flowing out
of the pin. The VFB2 pin is quasi-high impedance pin with
minimum bias current out of the pin.
Differential output sensing allows for more accurate output
regulation in high power distributed systems having large
line losses. Figure 2 illustrates the potential variations in
the power and ground lines due to parasitic elements.
The variations may be exacerbated in multi-application
systems with shared ground planes. Without differential
output sensing, these variations directly reflect as an error
in the regulated output voltage. The LTC3838 Channel 1’s
differential output sensing can correct for up to ±500mV
of variation in the output’s power and ground lines.
The LTC3838 Channel 1’s differential output sensing
scheme is distinct from conventional schemes where the
regulated output and its ground reference are directly
sensed with a difference amplifier whose output is then
divided down with an external resistor divider and fed
into the error amplifier input. This conventional scheme
is limited by the common mode input range of the differ-
ence amplifier and typically limits differential sensing to
the lower range of output voltages.
The LTC3838’s Channel 1 allows for seamless differential
output sensing by sensing the resistively divided feedback
voltage differentially. This allows for differential sensing
in the full output range from 0.6V to 5.5V. The difference
amplifier (DIFFAMP) has a bandwidth of 8MHz, high
RFB2
VOUTSENSE1+/VFB2
LTC3838
VOUTSENSE1–/SGND
COUT
3838 F01
VOUT
RFB1
Figure 1. Setting Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com