Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3850 Datasheet(PDF) 48 Page - Linear Technology

Part # LTC3850
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 48 Page - Linear Technology

Back Button LTC3850 Datasheet HTML 44Page - Linear Technology LTC3850 Datasheet HTML 45Page - Linear Technology LTC3850 Datasheet HTML 46Page - Linear Technology LTC3850 Datasheet HTML 47Page - Linear Technology LTC3850 Datasheet HTML 48Page - Linear Technology LTC3850 Datasheet HTML 49Page - Linear Technology LTC3850 Datasheet HTML 50Page - Linear Technology LTC3850 Datasheet HTML 51Page - Linear Technology LTC3850 Datasheet HTML 52Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
LTC3838
48
3838fa
TYPICAL APPLICATIONS
Figure 18. 4.5V to 14V Input, 1.2V/50A 2-Phase Single Output, 300kHz, DCR Sense, DTR Enabled, Step-Down Converter
LOAD CURRENT (A)
0.1
50
80
90
100
110
3838 F18b
70
60
0
6
8
10
4
2
FORCED CONTINUOUS MODE
DISCONTINUOUS MODE
VIN = 12V
VOUT = 1.2V
EFFICIENCY
POWER
LOSS
LOAD CURRENT (A)
0.1
50
80
90
100
110
3838 F18c
70
60
0
6
8
10
4
2
FORCED CONTINUOUS MODE
DISCONTINUOUS MODE
VIN = 5V
VOUT = 1.2V
EFFICIENCY
POWER
LOSS
3838 F18
0.1μF
0.1μF
L2
0.36μH
L1
0.36μH
COUT4
100μF
2
COUT3
330μF
2
DB2
MT2
MB2
2.55k
+
LTC3838
2.2Ω
2.2Ω
10k
100k
35.7k
41.2k
137k
VIN
1μF
0.1μF
4.7μF
0.1μF
0.01μF
47pF
470pF
COUT2
330μF
2
COUT1
100μF
2
VOUT
1.2V
50A
VIN
4.5V TO 14V
10k
SENSE1–
SENSE1+
BOOST1
TG1
SW1
SENSE2+
BOOST2
TG2
SW2
DRVCC1
INTVCC
DRVCC2
EXTVCC
DB1
SENSE2–
BG1
BG2
VFB2
PGND
VOUTSENSE1
+
VOUTSENSE1
–
PGOOD1
PGOOD2
TRACK/SS1
ITH1
DTR1
VRNG1
TRACK/SS2
ITH2
DTR2
PHASMD
MODE/PLLIN
CLKOUT
RUN2
VRNG2
SGND
RUN1
RT
PGOOD
MB1
MT1
1μF
CIN2
22μF
4
+
CIN1
180μF
+
2.55k
CIN1: SANYO 16SVP180MX
CIN2: TDK C3225X5R1C226MT
COUT1, COUT4: MURATA GRM31CR60J107ME39L
COUT2, COUT3: SANYO 2R5TPE330M9
DB1, DB2: CENTRAL SEMI CMDSH-4ETR
L1, L2: VISHAY IHLP4040DZERR36M01
MT1, MT2: INFINEON BSC050NE2LS
MB1, MB2: INFINEON BSC010NE2LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com