Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4253 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4253
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 4Page - Linear Technology LTC4253 Datasheet HTML 5Page - Linear Technology LTC4253 Datasheet HTML 6Page - Linear Technology LTC4253 Datasheet HTML 7Page - Linear Technology LTC4253 Datasheet HTML 8Page - Linear Technology LTC4253 Datasheet HTML 9Page - Linear Technology LTC4253 Datasheet HTML 10Page - Linear Technology LTC4253 Datasheet HTML 11Page - Linear Technology LTC4253 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
8
425212fd
TYPICAL PERFORMANCE CHARACTERISTICS
ITMR vs IDRN
∆ITMRACC/∆IDRN vs Temperature
IDRN vs VDRAIN
VDRNL vs Temperature
VDRNCL vs Temperature
VPGL vs Temperature
ITMR (Circuit Breaker, Sourcing)
vs Temperature
ITMR (Circuit Breaker, IDRN = 50μA,
Sourcing) vs Temperature
ITMR (Cooling Cycle, Sinking)
vs Temperature
TEMPERATURE (°C)
–55
280
260
240
220
200
180
–15
25
45
125
425212 G22
–35
5
65
85 105
TIMER = 2V
IDRN = 0μA
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
550
570
590
610
690
425212 G32
630
650
670
TIMER = 2V
IDRN = 50μA
TEMPERATURE (°C)
–55
10
9
8
7
6
5
4
3
2
1
0
–15
25
45
125
425212 G23
–35
5
65
85 105
TIMER = 2V
IDRN (mA)
0.001
0.01
0.1
1
10
0.1
1
10
425212 G33
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G34
9.0
8.8
8.6
8.4
8.2
8.0
7.8
7.6
7.4
7.2
7.0
TIMER ON
(CIRCUIT BREAKING,
IDRN = 50μA)
VDRAIN (V)
0
2
4
6
8
10
12
14
16
100
10
1
0.1
0.01
0.001
0.0001
0.00001
425212 G25
IIN = 2mA
TA = –40°C
TA = 25°C
TA = 125°C
TA = 85°C
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G35
2.60
2.55
2.50
2.45
2.40
2.35
2.30
2.25
2.20
FOR PWRGD STATUS (MS ONLY)
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G36
8.0
7.8
7.6
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
IDRN = 50μA
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G37
3.0
2.5
2.0
1.5
1.0
0.5
0
(MS ONLY)
IPG = 10mA
IPG = 5mA
IPG = 1.6mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com