Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4253 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4253
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 23Page - Linear Technology LTC4253 Datasheet HTML 24Page - Linear Technology LTC4253 Datasheet HTML 25Page - Linear Technology LTC4253 Datasheet HTML 26Page - Linear Technology LTC4253 Datasheet HTML 27Page - Linear Technology LTC4253 Datasheet HTML 28Page - Linear Technology LTC4253 Datasheet HTML 29Page - Linear Technology LTC4253 Datasheet HTML 30Page - Linear Technology LTC4253 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
27
425212fd
APPLICATIONS INFORMATION
TIMER
GATE
SENSE
VACL
VCB
SS
DRAIN
DRN
VIN – VGATEH
VDRNL
425212 F15
VDRNCL
VGATEL
VTMRL
VTMRH
PWRGD
5.8μA
5.8μA
5.8μA
58μA
58μA
12 34
5
67 8 9
SWITCH RELEASES SS
SWITCH RESETS LATCHED TIMER
GATE START-UP
OS
CB + VOS)
ACL + VOS)
MOMENTARY DPST SWITCH RESET
TIMER
GATE
SENSE
VOUT
VACL
VCB
SS
DRAIN
DRN
VTMRH
VTMRL
VGATEL
DRN
VIN – VGATEH
VDRNL
425212 F16
VDRNCL
PWRGD
58μA
58μA
5.8μA
5.8μA
5.8μA
5.8μA
5.8μA
5.8μA
5.8μA
5.8μA
5.8μA
GATE
START-UP
SHUTDOWN COOLING
CB FAULT
OS
CB + VOS)
ACL + VOS)
12
3 4 5
6
78 9 10
RETRY
CIRCUIT BREAKER TIMES OUT
Figure 16. Shutdown Cooling Timing Behavior of LTC4252-2 (All Waveforms Are Referenced to VEE)
Figure 15. Pushbutton Reset of LTC4252-1’s Latched Fault
(All Waveforms Are Referenced to VEE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com